Electronic Components Datasheet Search
  English  ▼

X  

MIC4426 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4426
Description  Dual 1.5A-Peak Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4426 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4426 Datasheet HTML 1Page - Micrel Semiconductor MIC4426 Datasheet HTML 2Page - Micrel Semiconductor MIC4426 Datasheet HTML 3Page - Micrel Semiconductor MIC4426 Datasheet HTML 4Page - Micrel Semiconductor MIC4426 Datasheet HTML 5Page - Micrel Semiconductor MIC4426 Datasheet HTML 6Page - Micrel Semiconductor MIC4426 Datasheet HTML 7Page - Micrel Semiconductor MIC4426 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC4426/4427/4428
Micrel
MIC4426/4427/4428
2
September 1999
Pin Description
Pin Number
Pin Name
Pin Function
1, 8
NC
not internally connected
2
INA
Control Input A: TTL/CMOS compatible logic input.
3
GND
Ground
4
INB
Control Input B: TTL/CMOS compatible logic input.
5
OUTB
Output B: CMOS totem-pole output.
6V
S
Supply Input: +4.5V to +18V
7
OUTA
Output A: CMOS totem-pole output.
Pin Configuration
1
2
3
4
8
7
6
5
NC
INA
GND
INB
NC
OUTA
VS
OUTB
MIC4426
Dual
Inverting
A
B
7
5
2
4
MIC4426
MIC4427
MIC4428
A
B
7
5
2
4
A
B
7
5
2
4
1
2
3
4
8
7
6
5
NC
INA
GND
INB
NC
OUTA
VS
OUTB
MIC4427
Dual
Noninverting
1
2
3
4
8
7
6
5
NC
INA
GND
INB
NC
OUTA
VS
OUTB
MIC4428
Inverting +
Noninverting
Ordering Information
Part Number
Temperature Range
Package
Configuration
MIC4426AM
–55
°C to +125°C
8-lead SOIC
Dual Inverting
MIC4426BM
–40
°C to +85°C
8-lead SOIC
Dual Inverting
MIC4426BMM
–40
°C to +85°C
8-lead MSOP
Dual Inverting
MIC4426BN
–40
°C to +85°C
8-lead Plastic DIP
Dual Inverting
MIC4427AM
–55
°C to +125°C
8-lead SOIC
Dual Noninverting
MIC4427BM
–40
°C to +85°C
8-lead SOIC
Dual Noninverting
MIC4427BMM
–40
°C to +85°C
8-lead MSOP
Dual Noninverting
MIC4427BN
–40
°C to +85°C
8-pin Plastic DIP
Dual Noninverting
MIC4428AM
–55
°C to +125°C
8-lead SOIC
Inverting + Noninverting
MIC4428BM
–40
°C to +85°C
8-lead SOIC
Inverting + Noninverting
MIC4428BMM
–40
°C to +85°C
8-lead MSOP
Inverting + Noninverting
MIC4428BN
–40
°C to +85°C
8-lead Plastic DIP
Inverting + Noninverting
MIC426/427/428 Device Replacement
Discontinued Number
Replacement
MIC426CM
MIC4426BM
MIC426BM
MIC4426BM
MIC426CN
MIC4426BN
MIC426BN
MIC4426BN
MIC427CM
MIC4427BM
MIC427BM
MIC4427BM
MIC427CN
MIC4427BN
MIC427BN
MIC4427BN
MIC428CM
MIC4428BM
MIC428BM
MIC4428BM
MIC428CN
MIC4428BN
MIC428BN
MIC4428BN
MIC1426/1427/1428 Device Replacement
Discontinued Number
Replacement
MIC1426CM
MIC4426BM
MIC1426BM
MIC4426BM
MIC1426CN
MIC4426BN
MIC1426BN
MIC4426BN
MIC1427CM
MIC4427BM
MIC1427BM
MIC4427BM
MIC1427CN
MIC4427BN
MIC1427BN
MIC4427BN
MIC1428CM
MIC4428BM
MIC1428BM
MIC4428BM
MIC1428CN
MIC4428BN
MIC1428BN
MIC4428BN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com