Electronic Components Datasheet Search
  English  ▼

X  

MIC4426 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4426
Description  Dual 1.5A-Peak Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4426 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4426 Datasheet HTML 1Page - Micrel Semiconductor MIC4426 Datasheet HTML 2Page - Micrel Semiconductor MIC4426 Datasheet HTML 3Page - Micrel Semiconductor MIC4426 Datasheet HTML 4Page - Micrel Semiconductor MIC4426 Datasheet HTML 5Page - Micrel Semiconductor MIC4426 Datasheet HTML 6Page - Micrel Semiconductor MIC4426 Datasheet HTML 7Page - Micrel Semiconductor MIC4426 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
September 1999
5
MIC4426/4427/4428
MIC4426/4427/4428
Micrel
Electrical Characteristics
Rise and Fall Time vs.
Supply Voltage
05
20
10
15
t F
SUPPLY VOLTAGE (V)
70
60
50
40
10
0
20
30
Delay Time vs. Supply Voltage
05
20
10
15
SUPPLY VOLTAGE (V)
35
30
25
20
5
0
10
15
40
30
10
20
-25 0
150
25 50
TEMPERATURE (
°C)
75 100 125
Delay Time vs. Temperature
35
30
25
20
5
0
10
15
-25
0
150
25 50
TEMPERATURE (
°C)
75 100 125
t D1
Supply Current vs.
Capacitive Load
80
70
60
50
20
0
30
40
10
400kHz
200
kHz
20kHz
10
10000
100
CAPACITIVE LOAD (pF)
1000
1k
100
10
1
10
10000
100
CAPACITIVE LOAD (pF)
1000
Rise and Fall Time vs.
Capacitive Load
t R
t F
Supply Current vs. Frequency
V = 18V
S
10 V
5 V
20
0
30
10
1
1000
10
FREQUENCY (kHz)
100
High Output vs. Current
CURRENT SOURCED (mA)
Low Output vs. Current
1.20
0.96
0
0.48
0.72
0.24
010
CURRENT SUNK (mA)
20 30 40 50 60 70 80 90 100
10 V
15 V
Rise and Fall Time
vs. Temperature
1.20
0.96
0
0.48
0.72
0.24
0 10 203040 50 60 7080 90 100
10 V
15 V
-50
t R
-50
-75
t R
t F
-75
t D2
t D1
t D2
C = 1000pF
T = 25
°C
L
A
C = 1000pF
T = 25
°C
L
A
C = 1000pF
V = 18V
L
S
C = 1000pF
V = 18V
L
S
T = 25
°C
V = 18V
A
S
T = 25
°C
V = 18V
A
S
T = 25
°C
C = 1000pF
L
A
T = 25
°C
A
V = 5V
C
T = 25
°C
A
V = 5V
S
Quiescent Power Supply
Current vs. Supply Voltage
Package Power Dissipation
25
50
150
75
100
AMBIENT TEMPERATURE (
°C)
1000
750
250
0
500
Quiescent Power Supply
Current vs. Supply Voltage
0
0.5
2.5
1.0
1.5
20
15
5
0
SUPPLY VOLTAGE (V)
10
2.0
125
15
10
05
0
50
100
150
200
300
400
20
SUPPLY VOLTAGE (V)
1250
NO LOAD
BOTH INPUTS LOGIC "1"
T = 25
°C
A
NO LOAD
BOTH INPUTS LOGIC "0"
T = 25
°C
A
SOIC
PDIP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com