Electronic Components Datasheet Search
  English  ▼

X  

MIC4575 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4575
Description  200kHz Simple 1A Buck Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4575 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4575 Datasheet HTML 4Page - Micrel Semiconductor MIC4575 Datasheet HTML 5Page - Micrel Semiconductor MIC4575 Datasheet HTML 6Page - Micrel Semiconductor MIC4575 Datasheet HTML 7Page - Micrel Semiconductor MIC4575 Datasheet HTML 8Page - Micrel Semiconductor MIC4575 Datasheet HTML 9Page - Micrel Semiconductor MIC4575 Datasheet HTML 10Page - Micrel Semiconductor MIC4575 Datasheet HTML 11Page - Micrel Semiconductor MIC4575 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MIC4575
Micrel
4-114
April 1998•
C3
0.01µF
C1
150µF
35V
D1
1N5819
GND
FB
SW
MIC4575-BT
SHDN
VIN
8V to 24V
VIN
U1 Micrel
MIC4575BT
U2 National
LM358
U3 Micrel
LM4041CIZ-1.2
C1 Nichicon
UPL1V151MPH, ESR = 0.12
Ω
C2 Nichicon
UPL1C331MPH, ESR = 0.12
Ω
D1 Motorola
1N5819
D2 Motorola
1N5819
D3 Motorola
1N4148
L1
Coiltronics PL52B-68-500, DCR = 0.095
Ω
R1 KRL
SP-1-A1-0R100J
Q1 Siliconix
VN2222LL
3
4
2
5
1
3
2
1
DZ1
1N5244
14V
R3
10k
R1
0.1
Ω
R2
100
Ω
1%
C2
330µF
16V
D2
1N5819
7
8
5
6
4
VIN
R4
1.21k
1%
U2B
1/2 LM358
Q1
VN2222LL
VR1
10k
U3
LM4041CIZ-1.2
VIN
R5
10k
2-8 Cells
VBATT
IOUT
0.1A to 1A
U2A
1/2LM358
L1
68µH
R6
3k
C4
1000pF
R7
1k
VIN min
VBATT / 0.9
2.5V
D3
1N4148
Figure 17. 0.1A–1A Variable-Current Battery Charger
C3
0.01µF
C1
150µF
35V
D1
1N5819
GND
FB
SW
MIC4575-BT
SHDN
VIN
8V to 24V
VIN
U1 Micrel
MIC4575BT
U2 National
LM358
C1 Nichicon
UPL1V151MPH, ESR = 0.12
Ω
C2 Nichicon
UPL1C331MPH, ESR = 0.12
Ω
D1 Motorola
1N5819
D2 Motorola
1N5819
D3 Motorola
1N4148
L1
Coiltronics PL52B-68-500, DCR = 0.095
Ω
R1 KRL
SP-1-A1-0R100J
Q1 Siliconix
VN2222LL
3
4
2
5
1
3
2
1
DZ1
1N5244
14V
R3
10k
R1
0.1
Ω
R2
100
Ω
1%
C2
330µF
16V
D2
1N5819
2-8 Cells
VBATT
IOUT
1A
U2A
1/2LM358
L1
68µH
R5
3k
C4
1000pF
R6
1k
7
8
5
6
4
VIN
R4
1.21k
1%
U2B
1/2 LM358
Q1
VN2222LL
VIN min
VBATT / 0.9
2.5V
IOUT
1.23V
R4
R2
R1
D3
1N4148
Figure 18. 1A Battery Charger (2–8 Cells)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com