Electronic Components Datasheet Search
  English  ▼

X  

MIC4575 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC4575
Description  200kHz Simple 1A Buck Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4575 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC4575 Datasheet HTML 4Page - Micrel Semiconductor MIC4575 Datasheet HTML 5Page - Micrel Semiconductor MIC4575 Datasheet HTML 6Page - Micrel Semiconductor MIC4575 Datasheet HTML 7Page - Micrel Semiconductor MIC4575 Datasheet HTML 8Page - Micrel Semiconductor MIC4575 Datasheet HTML 9Page - Micrel Semiconductor MIC4575 Datasheet HTML 10Page - Micrel Semiconductor MIC4575 Datasheet HTML 11Page - Micrel Semiconductor MIC4575 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MIC4575
Micrel
4-116
April 1998•
C1
150µF
35V
GND
FB
SW
MIC4575BT
SHDN
VIN
4V to 24V
VIN
U1 Micrel
MIC4575BT
U2 National
LM358
C1 Nichicon
UPL1V151MPH, ESR = 0.12
Ω
C2 Nichicon
UPL1C102MPH, ESR = 0.047
Ω
D1 Motorola
1N5819
L1
Bi
HM77-11003, DCR = 0.233
Ω
3
4
2
5
1
U1
R1
20k
1%
6
5
4
7
8
C4
0.01µF
D1
1N5819
L1
68µH
R4
2k
1%
R3
20k
1%
R5
10K
R2
2k
1%
R6
220
Ω
C2
1000µF
16V
R6
330
Ω
0.5W
VOUT
0V–12V
VOUTmin = 60mV
C3
3300pF
1
2
3
U2B
1/2LM358
U2A
1/2LM358
R1 = R3 and R2 = R4
VIN
VIN min
=
V
OUT
0.9
+ 2.5V
VOUT max = 1.23V
1
R1
R2
Figure 22. Improved Adjustable Output-Voltage Regulator (0V–12V)
C1
150µF
35V
GND
FB
SW
MIC4575BT
SHDN
VIN
8V to 24V
VIN
U1 Micrel
MIC4575BT
U2 National
LM358
U3 Micrel
MIC2506BM
C1 Nichicon
UPL1V151MPH, ESR = 0.12
Ω
C1 Nichicon
UPL1C331MPH, ESR = 0.12
Ω
D1 Motorola
1N5819
D2 Motorola
1N5819
DZ1 Motorala
1N5236
L1
Bi
HM77-11003, DCR = 0.233
Ω
Q1 Siliconix
VN2222LL
R1 KRL
SP-1/2-A1-0R100J
3
4
2
5
1
U1
L1
R5
3k
GND
OUT B
OUT A
MIC2506
CTL A
FLG A
U3
R6
1k
C4
1000pF
C5
0.01µF
VIN
D1
1N5819
68µH
C3
0.01µF
DZ1
1N5236
7.5V
R2
100
Ω
1%
R1
0.1
Ω
R3
10k
FLG B
IN
CTL B
R10
510k
Bat B
4 Cells
NiCad
Bat A
4 Cells
NiCad
A/B
Bat A
Bat B
Q1
VN2222LL
R7
100k
R8
100k
R4
1.21k
1%
IOUT
1A
C2
330µF
16V
D3
1N4148
4
8
5
6
7
1
2
3
2
3
1
4
7
6
8
5
R9
510k
2
U4A
7404
1
U2A
1/2LM358
U2B
1/2 LM358
Figure 23. Switchable Battery-Pack Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com