Electronic Components Datasheet Search
  English  ▼

X  

MIC4575 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC4575
Description  200kHz Simple 1A Buck Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4575 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC4575 Datasheet HTML 4Page - Micrel Semiconductor MIC4575 Datasheet HTML 5Page - Micrel Semiconductor MIC4575 Datasheet HTML 6Page - Micrel Semiconductor MIC4575 Datasheet HTML 7Page - Micrel Semiconductor MIC4575 Datasheet HTML 8Page - Micrel Semiconductor MIC4575 Datasheet HTML 9Page - Micrel Semiconductor MIC4575 Datasheet HTML 10Page - Micrel Semiconductor MIC4575 Datasheet HTML 11Page - Micrel Semiconductor MIC4575 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
April 1998•
4-115
MIC4575
Micrel
4
L1
68µH
GND
FB
MIC4575BT
VSW
SD
VIN
C1 Nichicon
UPL1J680MPH, ESR = 0.17
Ω
C2 Nichicon
UPL1J680MPH, ESR = 0.17
Ω
C4 AVX
TPSE227M010R0100, ESR = 0.1
Ω
D1 Motorola
MBRS160
L1
Coiltronics PL52B-68-500, DCR = 0.095
Ω
4
2
3
1
5
C2
68µF
63V
D1
MBR160
VIN
8V to 24V
C1
68µF
63V
U1
C3
0.01µF
+VSENSE
+V
–VSENSE
–V
10 ft Wire
0.5
Ω
C4
220µF
10V
VOUT
5V/1A
R4
10
Ω
R1
30
Ω
R2
3.01k
1%
R3
1.00k
1%
Figure 19. Remote-Sensing Regulator
C1
22µF
35V
D1
MBRS130LT3
GND
FB
SW
MIC4575BU
SHDN
VIN
6V to 18V
VIN
C1 AVX
TPSE226M035R0300, ESR = 0.3
Ω
C2 AVX
TPSE686M020R0150, ESR = 0.15
Ω
C3 AVX
TPSE686M020R0150, ESR = 0.15
Ω
C4 AVX
TPSE686M020R0150, ESR = 0.15
Ω
D1 Motorola
MBRS130LT3
D2 Motorola
MBRS130LT3
T1 Coiltronics CTX150-4, DCR = 0.372
Ω
Q1 Siliconix
Si 9435, PMOS
3
4
2
5
1
T1
150µH
C2
68µF
R2
13.0k
1%
R1
1.50K
1%
C5
3300pF
C3
68µF
20V
VOUT
12V/100mA
1
2
T1
MBRS130LT3
D2
–VOUT
–12V/100mA
(–11V to –12V)
C4
68µF
20V
3
4
D3
1N4148
Q1
Si9435
R3
1k
Figure 20. 6V–18V to Split
±12V/100mA Supply
C1
150µF
35V
GND
FB
SW
MIC4575BU
SHDN
VIN
8V to 24V
VIN
U1 Micrel
MIC4575BT
U2 National
LM358
C1 Nichicon
UPL1V151MPH, ESR = 0.12
Ω
C2 Nichicon
UPL1C331MPH, ESR = 0.12
Ω
D1 Motorola
1N5819
D2 Motorola
1N5819
DZ1 Motorola
1N5244
L1
Bi
HM77-11003, DCR = 0.233
Ω
R1 KRL
SP-1/2-A1-0R100J
3
4
2
5
1
U1
VBATT
2–8 Cells
D2
1N5819
C2
330µF
16V
R1
0.1
Ω
R2
10k
1%
DZ1
1N5244
14V
R4
10k
6
5
4
7
8
C4
R3
113k
1%
C3
0.1µF
D1
1N5819
L1
68µH
IOUT
1A
U2B
1/2 LM358
IOUT =
1.23V
R1
R2
R2
R3
0.01µF
VIN
8
VIN min
=
V
BATT
0.9
+ 2.5V
Figure 21. 1A Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com