Electronic Components Datasheet Search
  English  ▼

X  

MIC4575 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC4575
Description  200kHz Simple 1A Buck Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4575 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC4575 Datasheet HTML 4Page - Micrel Semiconductor MIC4575 Datasheet HTML 5Page - Micrel Semiconductor MIC4575 Datasheet HTML 6Page - Micrel Semiconductor MIC4575 Datasheet HTML 7Page - Micrel Semiconductor MIC4575 Datasheet HTML 8Page - Micrel Semiconductor MIC4575 Datasheet HTML 9Page - Micrel Semiconductor MIC4575 Datasheet HTML 10Page - Micrel Semiconductor MIC4575 Datasheet HTML 11Page - Micrel Semiconductor MIC4575 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
April 1998•
4-117
MIC4575
Micrel
4
C1
150µF
35V
GND
FB
SW
MIC4575BT
SHDN
VIN
12V to 24V
VIN
U1 Micrel
MIC4575BT
U2 National
LM358
U3 National
LM3420
U4 National
LM339
C1 Nichicon
UPL1V151MPH, ESR = 0.12
Ω
C1 Nichicon
UPL1C331MPH, ESR = 0.12
Ω
D1 Motorola
1N5819
D2 Motorola
1N5819
DZ1 Motorala
1N5244
L1
Bi
HM77-11003, DCR = 0.233
Ω
R1 KRL
SP-1/2-A1-0R100J
Q1 Siliconix
VN2222LL
3
4
2
5
1
U1
L1
R6
3k
GND
LM3420
OUT
U3
R7
1k
C4
1000pF
C5
0.1µF
VIN
D1
1N5819
68µH
C3
0.01µF
R2
100
Ω
1%
R1
0.1
Ω
R5
1.0k
1%
COMP
IN
Q1
VN2222LL
R3
1.21k
1%
IOUT
1A
C2
330µF
16V
D3
1N4148
4
8
5
6
7
1
2
3
3
1
8
4
U2A
1/2LM358
U2B
1/2 LM358
C8
0.01µF
VIN
END
C6
0.1µF
C7
0.01µF
R10
10k
R9
10M
VIN
R8
10k
R12
100k
R4
13.0k
1%
Q2
2N2222
D2
1N5819
VBATT
2 Li Cells
1
3
7
6
12
LM339
IOUT =
1.24V
R3
R2
R1
IOUT =1.02A
IOUTEND
60mA
VIN min >=
V
BATT
0.9
+ 2.5V
IOUTEND
1.23V
R2
R3
–
R5
R4
R1
Figure 24. Lithium-Ion Battery Charger with End-of-Charge Flag
C1
22µF
35V
GND
FB
SW
MIC4575BU
SHDN
VIN
9V to 18V
VIN
U1 Micrel
MIC4575BU
U2 Micrel
MIC29150-5.0BU
C1 AVX
TPSE226M035R0300, ESR = 0.3
Ω
C2 AVX
TPSE227M010R0100, ESR = 0.1
Ω
C3 AVX
TPSE106M010R0200, ESR = 0.2
Ω
C4 Sprague
293D226X0010C2W
D1 Motorola
MBRS130LT3
D2 Motorola
MBRS130LT3
L1
Bi
HM77-11003, DCR = 0.233
Ω
L2
Coilcraft
D016087C-102, DCR = 0.05
Ω
3
4
2
5
1
D1
MBRS130LT3
L1
68µH
R2
3.92k
1%
C3
3300pF
C2
220µF
10V
R1
1.00k
1%
L2
1µH
C3
100µF
10V
C4
22µF
10V
MIC29150
GND
VIN
U1
U2
VOUT
2
13
VOUT
5V/1A
VOUT = 1.23
1+
R2
R1
6.0V
Figure 25. Low Output-Noise Regulator (<1mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com