Electronic Components Datasheet Search
  English  ▼

X  

MIC502 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC502
Description  Fan Management IC Advance Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC502 Datasheet HTML 1Page - Micrel Semiconductor MIC502 Datasheet HTML 2Page - Micrel Semiconductor MIC502 Datasheet HTML 3Page - Micrel Semiconductor MIC502 Datasheet HTML 4Page - Micrel Semiconductor MIC502 Datasheet HTML 5Page - Micrel Semiconductor MIC502 Datasheet HTML 6Page - Micrel Semiconductor MIC502 Datasheet HTML 7Page - Micrel Semiconductor MIC502 Datasheet HTML 8Page - Micrel Semiconductor MIC502 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
May 1999
163
MIC502
MIC502
Micrel
MIC502
Fan Management IC
Advance Information
Features
• Temperature-proportional fan speed control
• Low-cost, efficient PWM fan drive
• 4.5V to 13.2V IC supply range
• Controls any voltage fan
• Overtemperature detection with fault output
• Integrated fan startup timer
• Automatic user-specified sleep mode
• Supports low-cost NTC/PTC thermistors
• 8-pin DIP and SOIC packages
Applications
• NLX and ATX power supplies
• Personal computers
• File servers
• Telecom and networking hardware
• Printers, copiers, and office equipment
• Instrumentation
• Uninterruptable power supplies
• Power amplifiers
Ordering Information
Part Number
Temperature Range
Package
MIC502BN
–40
°C to +85°C
8-pin Plastic DIP
MIC502BM
–40
°C to +85°C
8-pin SOIC
General Description
The MIC502 is a thermal and fan management IC which
supports the features for NLX/ATX power supplies and other
control applications.
Fan speed is determined by an external temperature sensor,
typically a thermistor-resistor divider, and (optionally) a sec-
ond signal, such as the NLX “FanC” signal. The MIC502
produces a low-frequency pulse-width modulated output for
driving an external motor drive transistor. Low-frequency
PWM speed control allows operation of standard brushless
dc fans at low duty cycle for reduced acoustic noise and
permits the use of a very small power transistor. The PWM
time base is determined by an external capacitor.
An open-collector overtemperature fault output is asserted if
the primary control input is driven above the normal control
range.
The MIC502 features a low-power sleep mode with a user-
determined threshold. Sleep mode completely turns off the
fan and occurs when the system is asleep or off (both control
inputs very low). A complete shutdown or reset can also be
initiated by external circuitry as desired.
The MIC502 is available as 8-pin plastic DIP and SOIC
packages in the –40
°C to +85°C industrial temperature
range.
Typical Application
VT1
CF
VSLP
GND
VDD
OUT
OTF
VT2
1
2
3
4
8
7
6
5
R1
T1
R3
R4
CF
R2
12V
RBASE
Overtemperature
Fault Output
MIC502
Secondary
Fan-control
Input
Fan
Q1


Similar Part No. - MIC502

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC502 MICREL-MIC502 Datasheet
240Kb / 15P
Fan Management IC
MIC502 MICREL-MIC502 Datasheet
240Kb / 15P
Fan Management IC
MIC5020 MICREL-MIC5020 Datasheet
99Kb / 7P
Current-Sensing Low-Side MOSFET Driver
MIC5020 MICREL-MIC5020 Datasheet
185Kb / 8P
Current-Sensing Low-Side MOSFET Driver
MIC5020BM MICREL-MIC5020BM Datasheet
99Kb / 7P
Current-Sensing Low-Side MOSFET Driver
More results

Similar Description - MIC502

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
Advance Information
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
logo
Micrel Semiconductor
MIC502 MICREL-MIC502_11 Datasheet
240Kb / 15P
Fan Management IC
MIC502 MICREL-MIC502_06 Datasheet
240Kb / 15P
Fan Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com