Electronic Components Datasheet Search
  English  ▼

X  

MIC502 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC502
Description  Fan Management IC Advance Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC502 Datasheet HTML 1Page - Micrel Semiconductor MIC502 Datasheet HTML 2Page - Micrel Semiconductor MIC502 Datasheet HTML 3Page - Micrel Semiconductor MIC502 Datasheet HTML 4Page - Micrel Semiconductor MIC502 Datasheet HTML 5Page - Micrel Semiconductor MIC502 Datasheet HTML 6Page - Micrel Semiconductor MIC502 Datasheet HTML 7Page - Micrel Semiconductor MIC502 Datasheet HTML 8Page - Micrel Semiconductor MIC502 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
May 1999
165
MIC502
MIC502
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
DD) .................................................. +14V
Output Sink Current (I
OUT(sink)) .................................. 10mA
Output Source Current (I
OUT(source)) .......................... 25mA
Input Voltage (any pin) ......................... –0.3V to V
DD +0.3V
Junction Temperature (T
J) ...................................... +125°C
Storage Temperature (T
A) ....................... –65°C to +150°C
Lead Temperature (Soldering, 5 sec.) ...................... 260
°C
ESD, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
DD) ................................ +4.5V to +13.2V
Sleep Voltage (V
SLP) ........................................ GND to VDD
Temperature Range (T
A) ........................... –40°C to +85°C
Power Dissipation at 25
°C
SOIC ................................................................... 800mW
DIP ...................................................................... 740mW
Derating Factors
SOIC ............................................................... 8.3mW/
°C
Plastic DIP ....................................................... 7.7mW/
°C
Electrical Characteristics
4.5V
≤ V
DD ≤ 13.2V, Note 4; TA = 25, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current, Operating
VSLP = grounded, OTF, OUT = open,
0.5
1.2
mA
C
F = 0.1µF, VT1 = VT2 = 0.7 VDD
I
DD(slp)
Supply Current, Sleep
VT1 = grounded,
240
400
µA
VSLP, OTF, OUT = open, C
F = 0.1µF
Driver Output
t
R
Output Rise Time, Note 5
I
OH = 10mA
TBD
50
µs
t
F
Output Fall Time, Note 5
I
OL = 1mA
TBD
50
µs
I
OL
Output Sink Current
V
OL = 0.5V
0.9
mA
I
OH
Output Source Current
4.5V
≤ V
DD ≤ 5.5V, VOH = 2.4V
10
mA
10.8V
≤ V
DD ≤ 13.2V, VOH = 3.2V
10
mA
I
OS
Sleep-Mode Output Leakage
V
OUT = 0V
1
µA
Thermistor and Sleep Inputs
V
PWM(max)
100% PWM Duty Cycle
67
70
73
%V
DD
Input Voltage
V
PWM(span)
V
PWM(max) – VPWM(min)
37
40
43
%V
DD
V
HYST
Sleep Comparator Hysteresis
8
11
14
%V
DD
V
IL
VT1 Shutdown Threshold
0.7
V
V
IH
VT1 Startup Threshold
1.1
V
V
OT
VT1 Overtemperature Fault
Note 6
74
77
80
%V
DD
Threshold
I
VT, IVSLP
VT1, VT2, VSLP Input Current
–2.5
1
µA
t
RESET
Reset Setup Time
minimum time V
T1 < VIL, to guarantee reset,
30
µs
Note 5
Oscillator
f
Oscillator Frequency, Note 7
4.5V
≤ V
DD ≤ 5.5V, CF = 0.1µF
24
27
30
Hz
10.8V
≤ V
DD ≤ 13.2V, CF = 0.1µF
27
30
33
Hz
f
MIN, fMAX
Oscillator Frequency Range
Note 7
15
90
Hz
t
STARTUP
Startup Interval
64/f
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com