Electronic Components Datasheet Search
  English  ▼

X  

MIC502 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC502
Description  Fan Management IC Advance Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC502 Datasheet HTML 1Page - Micrel Semiconductor MIC502 Datasheet HTML 2Page - Micrel Semiconductor MIC502 Datasheet HTML 3Page - Micrel Semiconductor MIC502 Datasheet HTML 4Page - Micrel Semiconductor MIC502 Datasheet HTML 5Page - Micrel Semiconductor MIC502 Datasheet HTML 6Page - Micrel Semiconductor MIC502 Datasheet HTML 7Page - Micrel Semiconductor MIC502 Datasheet HTML 8Page - Micrel Semiconductor MIC502 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC502
Micrel
MIC502
164
May 1999
Pin Description
Pin Number
Pin Name
Pin Function
1
VT1
Thermistor 1 (Input): Analog input of approximately 30% to 70% of V
DD
produces active duty cycle of 0% to 100% at driver output (OUT). Connect to
external thermistor network (or other temperature sensor). Pull low for
shutdown.
2
CF
PWM Timing Capacitor (External Component): Positive terminal for the
PWM triangle-wave generator timing capacitor. The recommended C
F is
0.1
µF for 30Hz PWM operation.
3
VSLP
Sleep Threshold (Input): The voltage on this pin is compared to V
T1 and VT2.
When V
T1 < VSLP and VT2 < VSLP the MIC502 enters sleep mode until VT1 or
V
T2 rises above VWAKE. (VWAKE = VSLP + VHYST.) Grounding VSLP
disables the sleep-mode function.
4
GND
Ground
5
VT2
Thermistor 2 (Input): Analog input of approximately 30% to 70% of V
DD
produces active duty cycle of 0% to 100% at driver output (OUT). Connect to
motherboard fan control signal or second temperature sensor.
6
/OTF
Overtemperature Fault (Output): Open-collector output (active low).
Indicates overtemperature fault condition (V
T1 > VOT) when active.
7
OUT
Driver Output: Asymmetical-drive active-high complimentary PWM output.
Typically connect to base of external NPN motor control transistor.
8
VDD
Power Supply (Input): IC supply input; may be independent of fan power
supply.
Pin Configuration
1
2
3
4
8
7
6
5
VDD
OUT
OTF
VT2
VT1
CF
VSLP
GND
8-Pin SOIC (M)
8-Pin DIP (N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com