Electronic Components Datasheet Search
  English  ▼

X  

GS3490 Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS3490
Description  Low power operation from a single
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3490 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS3490 Datasheet HTML 5Page - Gennum Corporation GS3490 Datasheet HTML 6Page - Gennum Corporation GS3490 Datasheet HTML 7Page - Gennum Corporation GS3490 Datasheet HTML 8Page - Gennum Corporation GS3490 Datasheet HTML 9Page - Gennum Corporation GS3490 Datasheet HTML 10Page - Gennum Corporation GS3490 Datasheet HTML 11Page - Gennum Corporation GS3490 Datasheet HTML 12Page - Gennum Corporation GS3490 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
9 of 22
Proprietary & Confidential
www.semtech.com
Table 2-4: AC Electrical Characteristics - Cable Driver Mode
VCC = +3.3V ± 5%, TA= -20°C to +85°C (unless otherwise shown), Functional Temperature Range: -40°C to +85°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial Data Rate
DRDDI
–
270
–
2970
Mb/s
–
Additive Jitter
–
2.97Gb/s
–
15
25
pspp
–
1.485Gb/s
–
15
25
pspp
–
270Mb/s
–
55
85
pspp
–
SDO Rise/Fall Time
tr, tf
CD_SD_EN = 0, 20% - 80%
–
–
135
ps
–
tr, tf
CD_SD_EN = 1, 20% - 80%
400
–
950
ps
–
Mismatch in Rise/Fall
Time
Δt
r, Δtf
CD_SD_EN = 0 only
–
–
35
ps
–
Duty Cycle Distortion
–
CD_SD_EN = 0, 2.97Gb/s
–
–
14
ps
1, 2
CD_SD_EN= 0, 1.485Gb/s
–
–
20
ps
1, 2
CD_SD_EN = 1
–
–
50
ps
1, 2
Overshoot
–
CD_SD_EN = 0
–
–
10
%
1
Output Return Loss
ORL
5MHz - 1.485GHz
15
–
–
dB
3
1.485GHz - 2.97GHz
10
–
–
dB
3
SDO Output Voltage
Swing
ΔV
SDO
RSET = 750Ω
750
800
880
mVpp
1
DDI/DDI Input Voltage
Swing
ΔV
DDI
Guaranteed functional
100
–
250
mVppd
–
Guaranteed to meet all published
specifications
250
–
2200
mVppd
–
Cable Driver Mode
Enable Delay
––
–
0.25
–
μs
–
Notes:
1. Single-ended into 75
Ω external load.
2. Calculated as the actual positive bit-width compared to the expected positive bit-width using a 1010 pattern.
3. ORL depends on board design. The GS3490 achieves this specification on Semtech's evaluation boards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com