Electronic Components Datasheet Search
  English  ▼

X  

GS3490 Datasheet(PDF) 16 Page - Gennum Corporation

Part # GS3490
Description  Low power operation from a single
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3490 Datasheet(HTML) 16 Page - Gennum Corporation

Back Button GS3490 Datasheet HTML 12Page - Gennum Corporation GS3490 Datasheet HTML 13Page - Gennum Corporation GS3490 Datasheet HTML 14Page - Gennum Corporation GS3490 Datasheet HTML 15Page - Gennum Corporation GS3490 Datasheet HTML 16Page - Gennum Corporation GS3490 Datasheet HTML 17Page - Gennum Corporation GS3490 Datasheet HTML 18Page - Gennum Corporation GS3490 Datasheet HTML 19Page - Gennum Corporation GS3490 Datasheet HTML 20Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
16 of 22
Proprietary & Confidential
www.semtech.com
When muted, the output swing is set to 425mVppd and the DDO/DDO outputs are
latched.
Automatic muting of the output can be enabled by connecting the CD pin to the
EQ_OP_CTL pin.
If the connection is made directly, as shown in Figure 4-3, the output would be in its
default mode (850mVppd swing with no De-emphasis) when there is a signal present.
Figure 4-3: Direct Loopback
4.2 Cable Driver Mode
4.2.1 Cable Driver Mode Enable
To enable Cable Driver Mode, EQ_DISABLE and CD_ENABLE must be set to logic HIGH.
These two pins may be tied together and controlled from a single logic signal.
4.2.2 Differential Digital Data Inputs (DDI/DDI)
The GS3490 features a differential input buffer (DDI/DDI) with on-chip 100
Ω differential
termination.
The differential data input signal is connected to the DDI and DDI input pins of the
device.
The serial data input buffer is capable of operation with any binary coded signal that
meets the input signal level requirements, in the range of 270Mb/s to 2.97Gb/s in Cable
Driver Mode. The input circuit is self-biasing to allow for simple AC or DC-coupling of
input signals to the device.
4.2.3 Serial Data Outputs (SDO/SDO)
The GS3490 features a current-mode differential output driver capable of achieving
output swings up to 1040mVpp using a 3.3V termination supply (VTERM).
The output signal amplitude or swing is set using an external RSET resistor. For the most
commonly used output swing configurations, please refer to Section 4.2.5.
The SDO/SDO pins of the device provide the serial data outputs.
Please refer to Section 5.1 for the correct way to implement the bi-directional serial
input/output. Other application circuits are not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com