Electronic Components Datasheet Search
  English  ▼

X  

GS3490 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS3490
Description  Low power operation from a single
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3490 Datasheet(HTML) 1 Page - Gennum Corporation

  GS3490 Datasheet HTML 1Page - Gennum Corporation GS3490 Datasheet HTML 2Page - Gennum Corporation GS3490 Datasheet HTML 3Page - Gennum Corporation GS3490 Datasheet HTML 4Page - Gennum Corporation GS3490 Datasheet HTML 5Page - Gennum Corporation GS3490 Datasheet HTML 6Page - Gennum Corporation GS3490 Datasheet HTML 7Page - Gennum Corporation GS3490 Datasheet HTML 8Page - Gennum Corporation GS3490 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
Proprietary & Confidential
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
Gennum Products
GS3490
Configurable Adaptive Cable
Equalizer/Cable Driver
www.semtech.com
Key Features
•
Connection to a single BNC connector as an adaptive
cable equalizer or cable driver
•
Performance and cable reach optimized for
SMPTE ST 424, SMPTE ST 292, and SMPTE ST 259 data
rates
•
Multi-rate operation from 125Mb/s to 2.97Gb/s in
Equalizer Mode and 270Mb/s to 2.97Gb/s in
Cable Driver Mode
•
Supports DVB-ASI at 270Mb/s
•
Integrated 100
Ω, differential digital data input/output
termination
•
Low power operation from a single 3.3V supply:
206mW typical power consumption in EQ mode
190mW typical power consumption in CD mode
•
Temperature range: -40°C to +85°C
•
32-pin 5mm x 5mm QFN package
Cable Equalizer Features
•
Integrated cable equalizer:
140m - 3G
260m - HD
500m - SD
•
Carrier detect with adjustable squelch threshold
•
Optional automatic power-down on loss of input
signal
Cable Driver Features
•
Selectable output slew rate cable driver for compliance
with SMPTE ST 424, SMPTE ST 292, and SMPTE ST 259
standards
Applications
•
SMPTE ST 424, SMPTE ST 292 and SMPTE ST 259
interfaces requiring switching between cable
equalizing or cable driving functionality
Description
The GS3490 features integrated adaptive cable equalizer
and cable driver functionality. The GS3490 can be
field-configured as a SMPTE compliant cable equalizer or a
SMPTE compliant cable driver.
The GS3490 is optimized for applications with limited I/O
space. With its configurable EQ and cable driver
functionality, the GS3490 can be utilized as a single-device
solution in applications where the interface connector can
be configured as either an input or output.
The GS3490's cable equalizer is optimized for operation at
2.97Gb/s, 1.485Gb/s and 270Mb/s while providing typical
cable reach of 140m at 2.97Gb/s, 260m at 1.485Gb/s and
500m at 270Mb/s.
In cable driver mode, the dual slew rate capability provides
compatibility to SMPTE ST 424, SMPTE ST 292 and
SMPTE ST 259 interfaces.
GS3490 Block Diagram
CD
EQ
SDI/SDO
CD
DDO
DDI
DDI
DDO


Similar Part No. - GS3490

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3490 SEMTECH-GS3490 Datasheet
1Mb / 22P
Configurable Adaptive Cable Equalizer/Cable Driver
GS3490-INE3 SEMTECH-GS3490-INE3 Datasheet
1Mb / 22P
Configurable Adaptive Cable Equalizer/Cable Driver
More results

Similar Description - GS3490

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_14 Datasheet
889Kb / 13P
Low-power CMOS operation
logo
Macronix International
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
Single Power Supply Operation
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
Single Supply Operation From 20V to 45V
MSK0008 MSK-MSK0008_15 Datasheet
122Kb / 5P
Single Supply Operation From 10V to 45V
logo
CML Microcircuits
CMX631A CMLMICRO-CMX631A Datasheet
305Kb / 16P
Low Power Operation
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
Single Low Voltage Supply Operation
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
Single power supply operation
logo
Recom International Pow...
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
3.3V from a single AA battery or from
logo
Maxim Integrated Produc...
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
Operates from a Single Supply
Rev 0; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com