Electronic Components Datasheet Search
  English  ▼

X  

SC21152 Datasheet(PDF) 1 Page - Gennum Corporation

Part # SC21152
Description  Adaptive On-Time architecture
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

SC21152 Datasheet(HTML) 1 Page - Gennum Corporation

  SC21152 Datasheet HTML 1Page - Gennum Corporation SC21152 Datasheet HTML 2Page - Gennum Corporation SC21152 Datasheet HTML 3Page - Gennum Corporation SC21152 Datasheet HTML 4Page - Gennum Corporation SC21152 Datasheet HTML 5Page - Gennum Corporation SC21152 Datasheet HTML 6Page - Gennum Corporation SC21152 Datasheet HTML 7Page - Gennum Corporation SC21152 Datasheet HTML 8Page - Gennum Corporation SC21152 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2015 Semtech Corporation
POWER MANAGEMENT
1
SC21152
Tiny 1.2A Synchronous Buck
Regulator with Power Good
Typical Application Circuit
Rev 1.0
Features
Input voltage range — 2.3V to 5.5V
1.2A continuous output current
4MHz switching frequency
Adjustable Output Voltage
1% output voltage accuracy
Adaptive On-Time architecture
Up to 100% duty cycle
Up to 96% peak efficiency
Power Save mode for efficient light load operation
>90% efficiency 30mA to 75mA
0.1μA shutdown current
21μA quiescent current
Power Good Indicator
Pre-bias startup protection
Internal soft start
1.5mm x 2mm, 6-Lead MLPD package
WEEE and RoHS compliant and halogen-free
Applications
Tablet PCs
GPS devices
Battery powered equipment
Portable devices
Smart Phones
Wearable Electronics
Description
The SC21152 is an ultra high efficiency 1.2A DC/DC buck
regulator available in a small MLPD package. These fea-
tures make the SC21152 perfect for small form factor con-
sumer applications where high efficiency is essential.
SC21152 is an Adaptive On-Time 4MHz switching regula-
tor at full load conditions. Under light load conditions it
transitions into PFM Power Save Mode and reduces switch-
ing frequency thus saving energy. High switching fre-
quency operation allows the use of a very small 0.47μH
inductor along with small input and output capacitors to
minimize overall circuit size.
The SC21152 is highly configurable with a wide range of
factory options including internal soft start time, fixed or
adjustable output voltage, automatic output discharge,
and switching frequency.
The SC21152 is offered in a small 6-Lead 1.5mm x 2mm
MLPD package.
Adjustable Output Voltage
2.3V-5.5V Supply
SC21152
0.47µH
1.2A
Output
EN
VIN
LX
EN
GND
FB
10µF
4.7µF
PG
Power
Good
Fixed Output Voltage
2.3V-5.5V Supply
SC21152
0.47µH
1.2A
Output
EN
VIN
LX
EN
GND
FB
10µF
4.7µF
PG
Power
Good


Similar Part No. - SC21152

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC21152 SEMTECH-SC21152 Datasheet
1Mb / 18P
Tiny 1.2A Synchronous Buck Regulator with Power Good
SC21152AULTRC SEMTECH-SC21152AULTRC Datasheet
1Mb / 18P
Tiny 1.2A Synchronous Buck Regulator with Power Good
SC21152EVB SEMTECH-SC21152EVB Datasheet
1Mb / 18P
Tiny 1.2A Synchronous Buck Regulator with Power Good
More results

Similar Description - SC21152

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2166 MICREL-MIC2166 Datasheet
622Kb / 26P
Adaptive On-Time DC-DC Controller
logo
National Semiconductor ...
LM3434 NSC-LM3434_1 Datasheet
1Mb / 8P
Evaluation Board adaptive constant on-time DC/DC buck
logo
Micrel Semiconductor
MIC2165_1011 MICREL-MIC2165_1011 Datasheet
707Kb / 28P
Adaptive On-Time DC-DC Controller Featuring HyperLight Load짰
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com