Electronic Components Datasheet Search
  English  ▼

X  

SC21152 Datasheet(PDF) 3 Page - Gennum Corporation

Part # SC21152
Description  Adaptive On-Time architecture
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

SC21152 Datasheet(HTML) 3 Page - Gennum Corporation

  SC21152 Datasheet HTML 1Page - Gennum Corporation SC21152 Datasheet HTML 2Page - Gennum Corporation SC21152 Datasheet HTML 3Page - Gennum Corporation SC21152 Datasheet HTML 4Page - Gennum Corporation SC21152 Datasheet HTML 5Page - Gennum Corporation SC21152 Datasheet HTML 6Page - Gennum Corporation SC21152 Datasheet HTML 7Page - Gennum Corporation SC21152 Datasheet HTML 8Page - Gennum Corporation SC21152 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SC21152
3
Absolute Maximum Ratings
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
EN, FB (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +(VIN+0.3)
PG (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN+0.3)
LX (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +(VIN+0.3)
ESD Protection Level (kV)(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Recommended Operating Conditions
Input Voltage Range (V) . . . . . . . . . . . . . . . . . . . . . . . . 2.3 to 5.5
Output Voltage Range, Adjustable VOUT (V) . . . 0.8 to VIN
Output Voltage Range, Fixed VOUT (V) . . . . . . . . . . 0.8 to 3.6
Maximum Continuous Current (A). . . . . . . . . . . . . . . . . . . . . 1.2
Junction Temperature Range (°C) . . . . . . . . . -40 < T
J < +125
Thermal Information
Thermal Resistance Junction to Ambient(2) (°C/W )
MLPD package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .120
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Operating Junction Temperature (°C ). . . . . . . -40 to +125
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114-B.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Electrical Characteristics
Unless otherwise noted VIN = 5.0V, CIN = 4.7μF, COUT = 10μF, L = 0.47μH, EN = VIN, T
J = -40 to +125°C. Typical values are at TA = 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply
Input Supply Voltage Range
VIN
2.3
5.5
V
Shutdown Current
ISD
EN = 0V
0.1
μA
Quiescent Current
IQ
Operating, No Load, Power Save Option
21
μA
Under Voltage Lock Out Threshold
UVLOrise
VIN rising edge
2.05
2.16
2.27
V
Under Voltage Lock Out Hysteresis
UVLOhyst
85
mV
Output Voltage
Feedback Voltage
VFB
Adjustable VOUT Option only
0.80
V
Feedback Voltage Tolerance
VFBtol
PWM operation, 500mA load
-2
+/- 1
+2
%
Feedback Input Leakage Current
IFB
Adjustable VOUT Option
1
25
nA
Output Voltage Range
Vout
Adjustable Output Voltage
0.8
VIN
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com