Electronic Components Datasheet Search
  English  ▼

X  

SC21152 Datasheet(PDF) 4 Page - Gennum Corporation

Part # SC21152
Description  Adaptive On-Time architecture
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

SC21152 Datasheet(HTML) 4 Page - Gennum Corporation

  SC21152 Datasheet HTML 1Page - Gennum Corporation SC21152 Datasheet HTML 2Page - Gennum Corporation SC21152 Datasheet HTML 3Page - Gennum Corporation SC21152 Datasheet HTML 4Page - Gennum Corporation SC21152 Datasheet HTML 5Page - Gennum Corporation SC21152 Datasheet HTML 6Page - Gennum Corporation SC21152 Datasheet HTML 7Page - Gennum Corporation SC21152 Datasheet HTML 8Page - Gennum Corporation SC21152 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SC21152
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage (continued)
Output Voltage Line Regulation
dVline
5.5V > VIN > (Vout +1), PWM operation
0.17
%/V
Output Voltage Load Regulation
dVload
500mA < ILOAD < 1.2A
-0.13
%/A
Maximum Output Current
IOUT
Continuous current
1.2
A
Soft Start(1)
Soft Start Time (1)
TSS
FB: from rising edge to 95% of final value
100
μs
LX Switching Node
On Resistance High-side
Rdson_hs
FB = 0V; ILX = 500mA
180
mΩ
On Resistance Low-side
Rdson_ls
FB = VIN; ILX = 500mA
140
mΩ
LX Leakage Current High Side
ILX_hs
VIN = 5.5V; FB = VIN; VLX = 0V
-1.5
-0.1
μA
LX Leakage Current Low Side
ILX_ls
FB = 0V; VLX = VIN;
Vout Automatic Discharge disabled
0.1
1
μA
LX Pulldown Current(1)
ILX_pd
EN = 0V; VLX = 1V;
Vout Automatic Discharge enabled
20
mA
Switching Frequency(1)
Fsw
4MHz PWM operation, 500mA load,
adjustable output, VOUT = 2.5V
3.6
4.0
4.4
MHz
Current Sense
High Side Current Limit
ILIMhs
Current from VIN to LX
1.5
2.2
3.0
A
Low Side Current Limit
ILIMls
Current from LX to GND
-0.8
A
Zero Cross Detector Threshold
Ithzcpfm
Power Save Mode and DC Test condition
0
mA
Thermal Protection
Over-Temperature Shutdown
Tts_rise
Rising temperature
160
°C
Over-Temperature Hysteresis
Tts_hyst
10
°C
EN Input
EN Input High Threshold
VIHen
1.2
V
EN Input Low Threshold
VILen
0.4
V
EN Input High Current
IIHen
VEN = VIN
-1
μA
EN Input Low Current
IILen
VEN = 0V
1
μA
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com