Electronic Components Datasheet Search
  English  ▼

X  

SC21152 Datasheet(PDF) 13 Page - Gennum Corporation

Part # SC21152
Description  Adaptive On-Time architecture
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

SC21152 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button SC21152 Datasheet HTML 9Page - Gennum Corporation SC21152 Datasheet HTML 10Page - Gennum Corporation SC21152 Datasheet HTML 11Page - Gennum Corporation SC21152 Datasheet HTML 12Page - Gennum Corporation SC21152 Datasheet HTML 13Page - Gennum Corporation SC21152 Datasheet HTML 14Page - Gennum Corporation SC21152 Datasheet HTML 15Page - Gennum Corporation SC21152 Datasheet HTML 16Page - Gennum Corporation SC21152 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SC21152
13
Applications Information (continued)
On-time: The high-side mosfet turns on, as trig-
gered by the FB signal falling to the internal ref-
erence. The high-side stays on for a
predetermined time based on VIN and VOUT,
then turns off.
Off-time: the low-side mosfet turns on. Inductor
current is monitored via the low-side switch.
When the current falls to zero, the low-side
mosfet turns off.
Dead-time: both mosfets are off. If the FB signal
is higher than the internal reference, both
mosfets remain off. During the dead-time the
load current is supplied by the output capacitor,
causing the output and the FB signal to fall.
When the FB signal falls to the 800mV threshold,
the next high-side pulse begins.
As load current increases, the dead-time between pulses
reduces. On any cycle, if the minimum off-time (60nsec)
has elapsed and the FB signal is calling for another high-
side on-time, the controller exits PFM and enters PWM
operation.
Once the controller is in PWM operation, the inductor
current must go below zero (go negative) for 16 switch-
ing cycles before the controller will return to PFM
operation.
Soft start
The SC21152 contains an internal soft start to reduce
inrush current during start-up. During start-up, the FB
signal is compared to an internal ramp, providing a
gradual ramp on VOUT. The timing to move VOUT from
0V to 95% of final value is typically 100usec. Optional soft
start times of 200usec, 400usec, and 800usec can be
provided.
Pre-bias Start-up
During start-up, the low-side mosfet turns off if the induc-
tor current falls negative (into the LX pin) on any cycle.
This prevents discharge of the output capacitor during
the soft-start cycle. Note that if the output is loaded
during a Pre-Bias start-up, the output voltage may fall
until the internal Soft-start ramp rises above the voltage
seen at the FB pin.
•
•
•
Power Good Indicator
The SC21152 includes a open-drain Power Good (PG)
indicator. The PG output is in a logic high (open) state
when the FB pin is above 95% of the final value (above
760mV). The PG threshold has 3% hysteresis to prevent
chattering.
During a start-up cycle, the PG output is pulled low typi-
cally 30usec before the start of mosfet switching. The PG
output stays low until the FB pin exceeds 95% of the final,
which begins the PG Assert Time delay of 75μsec. After
the Assert Time has passed, the PG output will drive high
(open circuit). If the FB signal falls to the falling edge PG
threshold, a Deassert Time delay of 13μsec must elapse
before the PG output will change to logic low.
The PG pin requires a pull-up resistor to provide a logic
high to a microcontroller. If the PG signal is not used at
the system level, the pull-up resistor can be omitted.
Note that the PG output is high (open) when the EN pin is
low. This prevents power loss in the PG pull-up resistor
when the device is disabled.
VIN Under-Voltage Lockout
The SC21152 includes an under-voltage lockout (UVLO)
to inhibit switching until the input voltage exceeds 2.16V.
The VIN UVLO threshold has 85mV hysteresis to prevent
chatter during start-up.
EN Input
The EN input is a logic level input. When EN is set to logic
high, the SC21152 goes through an internal reset to
prepare for operation. The soft-start ramp and mosfet
switching begin typically 50μsec after EN is driven high.
When EN is low (grounded), the SC21152 is off and in its
lowest power state. The power mosfets are off and the PG
output is high (open). The automatic discharge mosfet
on LX is on to discharge the output before the next start-
up cycle.
Automatic Discharge
When the EN pin is pulled low (grounded), the power
mosfets are tri-stated and the LX pin is connected to GND
through an internal mosfet to discharge the output
capacitors. Typical mosfet RDS
ON is 40 ohms at 5V and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com