Electronic Components Datasheet Search
  English  ▼

X  

MIC29752BWT Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC29752BWT
Description  High-Current Low-Dropout Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29752BWT Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC29752BWT Datasheet HTML 6Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 7Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 8Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 9Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 10Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 11Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 12Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 13Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MIC29150/29300/29500/29750
Micrel
MIC29150/29300/29500/29750
10
March 2000
Typical Characteristics MIC2950x
0
50
100
150
200
250
300
350
400
450
012
345
OUTPUT CURRENT (A)
MIC2950x Dropout Voltage
vs. Output Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2950x Dropout Voltage
vs. Temperature
I
LOAD = 5A
0.0
1.0
2.0
3.0
4.0
5.0
02
46
INPUT VOLTAGE (V)
MIC29500-3.3
Dropout Characteristics
I
LOAD = 5A
I
LOAD = 10mA
0
10
20
30
40
50
60
70
80
01
234
56
OUTPUT CURRENT (A)
MIC2950x Ground Current
vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
024
68
10
SUPPLY VOLTAGE (V)
MIC2950x Ground Current
vs. Supply Voltage
FIXED 3.3V VERSIONS
R
LOAD = 100Ω
0
25
50
75
100
125
012
3
45
SUPPLY VOLTAGE (V)
MIC2950x Ground Current
vs. Supply Voltage
FIXED 3.3V
VERSION
I
LOAD = 5A
0.0
0.1
0.2
0.3
0.4
0.5
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2950x Ground Current
vs. Temperature
I
OUT = 10mA
0
1
2
3
4
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2950x Ground Current
vs. Temperature
I
OUT = 500mA
0
25
50
75
100
125
150
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2950x Ground Current
vs. Temperature
I
OUT = 5A
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29500-3.3 Output Voltage
vs. Temperature
3 DEVICES
0
1
2
3
4
5
6
7
8
9
10
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2950x-5.0 Short Circuit
Current vs. Temperature
V
OUT = 0V
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-30
-20
-10
0
10
20
30
INPUT VOLTAGE (V)
MIC2950x Ground Current
vs. Input Voltage
R
LOAD = 100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com