Electronic Components Datasheet Search
  English  ▼

X  

MIC29752BWT Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC29752BWT
Description  High-Current Low-Dropout Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29752BWT Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC29752BWT Datasheet HTML 11Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 12Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 13Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 14Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 15Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 16Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 17Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 18Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
March 2000
15
MIC29150/29300/29500/29750
MIC29150/29300/29500/29750
Micrel
Device
Minimum Load
MIC29150 .................................................... 5mA
MIC29300 .................................................... 7mA
MIC29500 .................................................. 10mA
MIC29750 .................................................. 10mA
Adjustable Regulator Design
R1
R2
VOUT = 1.235V × [1 + (R1 / R2)]
VIN
VOUT
MIC29152BT
22µF
10µF
Figure 4. Adjustable Regulator with Resistors
The adjustable regulator versions, MIC29xx2 and MIC29xx3,
allow programming the output voltage anywhere between
1.25V and the 26V maximum operating rating of the family.
Two resistors are used. Resistors can be quite large, up to
1M
Ω, because of the very high input impedance and low bias
current of the sense comparator: The resistor values are
calculated by:
RR
V
1.240
12
OUT
=−


1
Where V
O is the desired output voltage. Figure 4 shows
component definition. Applications with widely varying load
currents may scale the resistors to draw the minimum load
current required for proper operation (see above).
Error Flag
MIC29xx1 and MIC29xx3 versions feature an Error Flag,
which looks at the output voltage and signals an error
condition when this voltage drops 5% below its expected
value. The error flag is an open-collector output that pulls low
under fault conditions. It may sink 10mA. Low output voltage
signifies a number of possible problems, including an over-
current fault (the device is in current limit) and low input
voltage. The flag output is inoperative during overtempera-
ture shutdown conditions.
Enable Input
MIC29xx1 and MIC29xx2 versions feature an enable (EN)
input that allows ON/OFF control of the device. Special
design allows “zero” current drain when the device is dis-
abled—only microamperes of leakage current flows. The EN
input has TTL/CMOS compatible thresholds for simple inter-
facing with logic, or may be directly tied to
≤ 30V. Enabling the
regulator requires approximately 20
µA of current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com