Electronic Components Datasheet Search
  English  ▼

X  

MIC29752BWT Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC29752BWT
Description  High-Current Low-Dropout Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29752BWT Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC29752BWT Datasheet HTML 12Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 13Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 14Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 15Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 16Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 17Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 18Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 19Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MIC29150/29300/29500/29750
Micrel
MIC29150/29300/29500/29750
16
March 2000
Package Information
0.018
±0.008
(0.46
±0.020)
0.100
±0.005
(2.54
±0.13)
0.030
±0.003
(0.76
±0.08)
0.050
±0.003
(1.27
±.08)
7
°
1.140
±0.010
(28.96
±0.25)
0.356
±0.005
(9.04
±0.13)
0.590
±0.005
(14.99
±0.13)
0.108
±0.005
(2.74
±0.13)
0.050
±0.005
(1.27
±0.13)
0.151 D
±0.005
(3.84 D
±0.13)
0.410
±0.010
(10.41
±0.25)
0.176
±0.005
(4.47
±0.13)
0.100
±0.020
(2.54
±0.51)
0.818
±0.005
(20.78
±0.13)
7
°
3
°
DIMENSIONS: INCH
(MM)
3-Lead TO-220 (T)
0.360
±0.005
0.600
±0.025
0.405
±0.005
0.100 BSC
0.050
0.050
±0.005
0.176
±0.005
8
° MAX
0.100
±0.01
0.050
±0.005
0.015
±0.002
0.004+0.004
–0.008
SEATING PLANE
0.065
±0.010
20
°±2°
DIM. = INCH
3-Lead TO-263 (U)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com