Electronic Components Datasheet Search
  English  ▼

X  

MIC29752BWT Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC29752BWT
Description  High-Current Low-Dropout Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29752BWT Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC29752BWT Datasheet HTML 7Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 8Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 9Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 10Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 11Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 12Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 13Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 14Page - Micrel Semiconductor MIC29752BWT Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
March 2000
11
MIC29150/29300/29500/29750
MIC29150/29300/29500/29750
Micrel
0
5
10
15
20
25
30
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29501-xx/2 Enable Current
vs. Temperaure
V
EN = 5V
V
EN = 2V
-500
0
500
1000
1500
-1
0
1
2
3
4
5
6
-5
0
5
10
15
20
25
TIME (ms)
MIC2950x
Load Transient
C
OUT = 10 µF
I
LOAD = 10mA
-100
-50
0
50
100
-1
0
1
2
3
4
5
6
-5
0
5
10
15
20
25
TIME (ms)
MIC2950x
Load Transient
C
OUT = 100 µF
I
LOAD = 10mA
0
10
20
30
40
50
60
70
80
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29502/3 Adjust Pin Current
vs. Temperature
I
LOAD = 10mA
-100
-50
0
50
100
2.2
4.2
6.2
8.2
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
MIC2950x
Line Transient
C
OUT = 10 µF
I
LOAD = 10mA
-20
-10
0
10
20
2.2
4.2
6.2
8.2
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
MIC2950x
Line Transient
C
OUT = 100 µF
I
LOAD = 10mA
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
MIC2950x Output Impedance
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com