Electronic Components Datasheet Search
  English  ▼

X  

LMP2231 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2231
Description  Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2231 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP2231 Datasheet HTML 6Page - Texas Instruments LMP2231 Datasheet HTML 7Page - Texas Instruments LMP2231 Datasheet HTML 8Page - Texas Instruments LMP2231 Datasheet HTML 9Page - Texas Instruments LMP2231 Datasheet HTML 10Page - Texas Instruments LMP2231 Datasheet HTML 11Page - Texas Instruments LMP2231 Datasheet HTML 12Page - Texas Instruments LMP2231 Datasheet HTML 13Page - Texas Instruments LMP2231 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
-0.2
0.2
0.6
1
1.4
1.8
-250
-150
-50
50
150
250
VCM (V)
VS = 2.5V
-40°C
25°C
85°C
125°C
2.2
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VCM (V)
-250
-150
-50
50
150
250
-40°C
25°C
85°C
125°C
VS = 1.8V
-0.2 0.2
0.6
1
1.4
1.8
2.2
2.6
3
-250
-150
-50
50
150
250
VCM (V)
-40°C
25°C
85°C
125°C
VS = 3.3V
-0.2
0.8
1.8
2.8
3.8
-250
-150
-50
50
250
VCM (V)
150
4.3
85°C
25°C
125°C
-40°C
VS = 5V
-150
-100
-50
0
50
100
150
VOS (PV)
0
2
4
6
8
10
12
VS = 1.8V
TA = 25°C
VCM = VS/2
-2.5 -2 -1.5 -1 -0.5 0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
TCVOS (PV/°C)
VS = 1.8V
VCM = VS/2
-40°C
d TA d 125°C
LMP2231
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
Offset Voltage Distribution
TCVOS Distribution
Figure 10.
Figure 11.
Offset Voltage vs.
Offset Voltage vs.
VCM
VCM
Figure 12.
Figure 13.
Offset Voltage vs.
Offset Voltage vs.
VCM
VCM
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com