Electronic Components Datasheet Search
  English  ▼

X  

LMP2231 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2231
Description  Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2231 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP2231 Datasheet HTML 14Page - Texas Instruments LMP2231 Datasheet HTML 15Page - Texas Instruments LMP2231 Datasheet HTML 16Page - Texas Instruments LMP2231 Datasheet HTML 17Page - Texas Instruments LMP2231 Datasheet HTML 18Page - Texas Instruments LMP2231 Datasheet HTML 19Page - Texas Instruments LMP2231 Datasheet HTML 20Page - Texas Instruments LMP2231 Datasheet HTML 21Page - Texas Instruments LMP2231 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
REDUCED INPUT VOLTAGE NOISE =
en1+en2+
2
2
+enN
2
=
1
N
1
N
Nen
2
=
N
N
en
=
1
en
N
10
1k
100k
10M
RS (:)
0.1
1
100
1000
1M
10k
100
10
eni
en
ei
et
LMP2231
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Figure 48. Total Input Noise
VOLTAGE NOISE REDUCTION
The LMP2231 has an input voltage noise of 60 nV/
√Hz . While this value is very low for micropower amplifiers,
this input voltage noise can be further reduced by placing N amplifiers in parallel as shown in Figure 49. The total
voltage noise on the output of this circuit is divided by the square root of the number of amplifiers used in this
parallel combination. This is because each individual amplifier acts as an independent noise source, and the
average noise of independent sources is the quadrature sum of the independent sources divided by the number
of sources. For N identical amplifiers, this means:
Figure 49 shows a schematic of this input voltage noise reduction circuit. Typical resistor values are: RG = 10Ω,
RF = 1 kΩ, and RO = 1 kΩ.
18
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com