Electronic Components Datasheet Search
  English  ▼

X  

LMP2231 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2231
Description  Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2231 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP2231 Datasheet HTML 15Page - Texas Instruments LMP2231 Datasheet HTML 16Page - Texas Instruments LMP2231 Datasheet HTML 17Page - Texas Instruments LMP2231 Datasheet HTML 18Page - Texas Instruments LMP2231 Datasheet HTML 19Page - Texas Instruments LMP2231 Datasheet HTML 20Page - Texas Instruments LMP2231 Datasheet HTML 21Page - Texas Instruments LMP2231 Datasheet HTML 22Page - Texas Instruments LMP2231 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
+
-
+
-
-
+
R2
KR2
R1
R1
R2
KR2
VOUT
V1
V2
V01
V02
R1
a
R11 =
V
-
V
+
VOUT
RO
RG
VIN
RF
V
-
V
+
RO
RG
RF
V
-
V
+
RO
RG
RF
V
-
V
+
RO
RG
RF
+
-
+
-
+
-
+
-
LMP2231
www.ti.com
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
Figure 49. Noise Reduction Circuit
PRECISION INSTRUMENTATION AMPLIFIER
Measurement of very small signals with an amplifier requires close attention to the input impedance of the
amplifier, gain of the overall signal on the inputs, and the gain on each input of the amplifier. This is because the
difference of the input signal on the two inputs is of the interest and the common signal is considered noise. A
classic circuit implementation is an instrumentation amplifier. Instrumentation amplifiers have a finite, accurate,
and stable gain. They also have extremely high input impedances and very low output impedances. Finally they
have an extremely high CMRR so that the amplifier can only respond to the differential signal. A typical
instrumentation amplifier is shown in Figure 50.
Figure 50. Instrumentation Amplifier
There are two stages in this amplifier. The last stage, output stage, is a differential amplifier. In an ideal case the
two amplifiers of the first stage, input stage, would be set up as buffers to isolate the inputs. However they
cannot be connected as followers because of mismatch of amplifiers. That is why there is a balancing resistor
between the two. The product of the two stages of gain will give the gain of the instrumentation amplifier. Ideally,
the CMRR should be infinite. However the output stage has a small non-zero common mode gain which results
from resistor mismatch.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com