Electronic Components Datasheet Search
  English  ▼

X  

LMP2231 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2231
Description  Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2231 Datasheet(HTML) 3 Page - Texas Instruments

  LMP2231 Datasheet HTML 1Page - Texas Instruments LMP2231 Datasheet HTML 2Page - Texas Instruments LMP2231 Datasheet HTML 3Page - Texas Instruments LMP2231 Datasheet HTML 4Page - Texas Instruments LMP2231 Datasheet HTML 5Page - Texas Instruments LMP2231 Datasheet HTML 6Page - Texas Instruments LMP2231 Datasheet HTML 7Page - Texas Instruments LMP2231 Datasheet HTML 8Page - Texas Instruments LMP2231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LMP2231
www.ti.com
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
Operating Ratings
(1)
Operating Temperature Range (2)
−40°C to 125°C
Supply Voltage (VS = V
+ - V−)
1.6V to 5.5V
Package Thermal Resistance (
θJA)
(2)
5-Pin SOT-23
160.6 °C/W
8-Pin SOIC
116.2 °C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions, see the Electrical
Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
5V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
±10
±150
μV
±230
TCVOS
Input Offset Voltage Drift
LMP2231A
±0.3
±0.4
μV/°C
LMP2231B
±0.3
±2.5
IBIAS
Input Bias Current
0.02
±1
pA
±50
IOS
Input Offset Current
5
fA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 4V
81
97
dB
80
PSRR
Power Supply Rejection Ratio
1.6V
≤ V+ ≤ 5.5V
83
120
dB
V− = 0V, VCM = 0V
83
CMRR
≥ 80 dB
−0.2
4.2
CMVR
Common Mode Voltage Range
V
CMRR
≥ 79 dB
−0.2
4.2
VO = 0.3V to 4.7V
110
AVOL
Large Signal Voltage Gain
120
dB
RL = 10 kΩ to V
+/2
108
VO
Output Swing High
RL = 10 kΩ to V
+/2
17
50
mV
VIN(diff) = 100 mV
50
from either
rail
Output Swing Low
RL = 10 kΩ to V
+/2
17
50
VIN(diff) = −100 mV
50
IO
Output Current (4)
Sourcing, VO to V
–
27
30
mA
VIN(diff) = 100 mV
19
Sinking, VO to V
+
17
22
VIN(diff) = −100 mV
12
IS
Supply Current
10
16
µA
18
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
The short circuit test is a momentary open loop test.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com