Electronic Components Datasheet Search
  English  ▼

X  

MIC809 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC809
Description  Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC809 Datasheet HTML 1Page - Micrel Semiconductor MIC809 Datasheet HTML 2Page - Micrel Semiconductor MIC809 Datasheet HTML 3Page - Micrel Semiconductor MIC809 Datasheet HTML 4Page - Micrel Semiconductor MIC809 Datasheet HTML 5Page - Micrel Semiconductor MIC809 Datasheet HTML 6Page - Micrel Semiconductor MIC809 Datasheet HTML 7Page - Micrel Semiconductor MIC809 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
The MIC809/MIC810 are inexpensive microprocessor
supervisory circuits that monitor power supplies in
microprocessor based systems.
The function of these devices is to assert a reset if the
power supply drops below a designated reset threshold
level. Several different reset threshold levels are
available to accomodate 3V, 3.3V or 5V powered
systems.
The MIC809 has an active low RESET output, while the
MIC810 offers an active high RESET output. The reset
output is guaranteed to remain asserted for a minimum
of 140ms after VCC has risen above the designated
reset threshold level. The MIC809/MIC810 come in a 3-
pin SOT-23 package.
1
2
3 VCC
GND
MIC809
RESET
1
2
3 VCC
GND
MIC810
RESET
Top View
Part
Package
Temp. Range
MIC809_U
3-Lead SOT23
-40°C to +85°C
MIC810_U
3-Lead SOT23
-40°C to +85°C
Place the device suffix of desired reset threshold voltage from table above in
blank to complete the part number.
· Portable Equipment
· Intelligent Instruments
· Critical Microprocessor Power Monitoring
· Printers/Computers
· Controllers
· RESET Remains Valid with VCC as Low
as 1.4V
· Precision Voltage Monitor for 3V, 3.3V
or 5V Power Supplies
· Available in 3-Pin SOT23 Package
· <15µA Supply Current
· 140ms Minimum Reset Pulse Width
· No External Components Required
8++
4-5-6
µP
4-5-6
8++
MIC809
8++
Typical Operating Circuit
Features
Description
Pin Configuration
Ordering Information
Typical Applications
Reset Threshold
Device
Voltage (V)
Suffix
4.63
L
4.38
M
4.00
J
3.08
T
2.93
S
2.63
R
MIC809/MIC810 Microprocessor Reset Circuits
MIC809/MIC810
Microprocessor Reset Circuits


Similar Part No. - MIC809

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809 Datasheet
603Kb / 10P
Microprocessor Reset Circuits
MIC809-5 MICREL-MIC809-5 Datasheet
336Kb / 6P
Microprocessor Reset Circuit
MIC809-5SBC3 MICREL-MIC809-5SBC3 Datasheet
336Kb / 6P
Microprocessor Reset Circuit
MIC809-5SU MICREL-MIC809-5SU Datasheet
336Kb / 6P
Microprocessor Reset Circuit
More results

Similar Description - MIC809

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
MICROPROCESSOR RESET CIRCUITS
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
Microprocessor Reset Circuits
Rev. E
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com