Electronic Components Datasheet Search
  English  ▼

X  

MIC809 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC809
Description  Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC809 Datasheet HTML 1Page - Micrel Semiconductor MIC809 Datasheet HTML 2Page - Micrel Semiconductor MIC809 Datasheet HTML 3Page - Micrel Semiconductor MIC809 Datasheet HTML 4Page - Micrel Semiconductor MIC809 Datasheet HTML 5Page - Micrel Semiconductor MIC809 Datasheet HTML 6Page - Micrel Semiconductor MIC809 Datasheet HTML 7Page - Micrel Semiconductor MIC809 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC809/MIC810 Microprocessor Reset Circuits
2
Electrical Characteristics
VCC = 5V for MIC8--L/M/J, VCC = 3.3V for MIC8--S/T, VCC = 3V for MIC8--R, TA = Operating Temperature Range, unless
otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage Range, VCC TA = 0°C to 70°C
1.4
5.5
V
TA = -40°C to 85°C
1.6
5.5
Supply Current, ICC
MIC809L/M/J, MIC810L/M/J
9
15
µA
VCC < 3.6V, MIC809R/S/T, MIC810R/S/T
6
10
Reset Voltage Threshold, VTH
MIC809L, MIC810L
4.50
4.63
4.75
V
MIC809M, MIC810M
4.25
4.38
4.50
MIC809J, MIC810J
3.89
4.00
4.10
MIC809T, MIC810T
3.00
3.08
3.15
MIC809S, MIC810S
2.85
2.93
3.00
MIC809R, MIC810R
2.55
2.63
2.70
Reset Timeout Period
140
240
560
ms
RESET Output Voltage, VOH
ISource = 800µA, MIC809L/M/J
VCC - 1.5V
V
ISource = 500µA, MIC809R/S/T
0.8 X VCC
RESET Output Voltage, VOL
VCC=VTH Min., ISink=3.2mA, MIC809L/M/J
0.4
V
VCC=VTH Min., ISink =1.2mA, MIC809R/S/T
0.3
VCC>1.4V, ISink =50µA, TA = 0°C to 70°C
0.3
VCC>1.6V, ISink =50µA, TA = -40°C to 85°C
0.3
RESET Output Voltage, VOH
1.8V < VCC < VTH Min.,
0.8 X VCC
V
ISource = 150µA
RESET Output Voltage, VOL
ISink=3.2mA, MIC810L/M/J
0.4
V
ISink=1.2mA, MIC810R/S/T
0.3
Stresses above those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to absolute
maximum ratings for extended periods may affect device reliability. Operating ranges define those limits between which the functionality of the device is guaranteed.
Absolute Maximum Ratings
Terminal Voltage
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Input Current, VCC, . . . . . . . . . . . . . . . . . . . . . . . 20mA
Output Current, RESET, RESET . . . . . . . . . . . . . .20mA
Rate of Rise, VCC . . . . . . . . . . . . . . . . . . . . . . 100V/µs
Operating Temperature Range
MIC809-U, MIC810-U . . . . . . . . . . . . . . . -40°C to 85°C
Storage Temperature Range . . . . . . . . . . . . .-65°C to 150°C
Lead Temperature (Soldering - 10 sec.) . . . . . . . . . . . 300°C
Power Dissipation (TA = +70°C) . . . . . . . . . . . . . . . . 320mW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com