Electronic Components Datasheet Search
  English  ▼

X  

MIC809 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC809
Description  Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC809 Datasheet HTML 1Page - Micrel Semiconductor MIC809 Datasheet HTML 2Page - Micrel Semiconductor MIC809 Datasheet HTML 3Page - Micrel Semiconductor MIC809 Datasheet HTML 4Page - Micrel Semiconductor MIC809 Datasheet HTML 5Page - Micrel Semiconductor MIC809 Datasheet HTML 6Page - Micrel Semiconductor MIC809 Datasheet HTML 7Page - Micrel Semiconductor MIC809 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Microprocessor Reset
The RESET pin is asserted whenever VCC falls below
the reset threshold voltage. The reset pin remains
asserted for a period of 240ms after VCC has risen
above the reset threshold voltage. The reset function
ensures the microprocessor is properly reset and powers
up into a known condition after a power failure. RESET
will remain valid with VCC as low as 1.4V.
VCC Transients
The MIC809/MIC810 are relatively immune to negative-
going VCC glitches below the reset threshold. Typically,
a negative-going transient 125mV below the reset
threshold with a duration of 50
µs (25µs for
MIC8__R/S/T) or less will not cause an unwanted reset.
Interfacing to Bidirectional Reset Pins
The MIC809/MIC810 can interface with
µPs with
bidirectional reset pins by connecting a 4.7K
Ω resistor in
series with the MIC809/MIC810 output and the
µP reset
pin.
RESET Valid to 0V
A resistor can be added from the RESET pin to ground
to ensure the RESET output remains low with VCC
down to 0V. A 100K
Ω resistor connected from RESET
to ground is recommended. The size of the resistor
should be large enough to not load the RESET output
and small enough to pull-down any stray leakage
currents.
Circuit Description
Figure 2. Reset Timing Diagram
Figure 3. RESET Valid to VCC = OV
8++
8JDH
4-5-6
J
J
8JDH
VCC
RESET
µP
RESET
VCC
MIC809
VCC
100K
MIC809/MIC810 Microprocessor Reset Circuits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com