Electronic Components Datasheet Search
  English  ▼

X  

MIC809 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC809
Description  Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC809 Datasheet HTML 1Page - Micrel Semiconductor MIC809 Datasheet HTML 2Page - Micrel Semiconductor MIC809 Datasheet HTML 3Page - Micrel Semiconductor MIC809 Datasheet HTML 4Page - Micrel Semiconductor MIC809 Datasheet HTML 5Page - Micrel Semiconductor MIC809 Datasheet HTML 6Page - Micrel Semiconductor MIC809 Datasheet HTML 7Page - Micrel Semiconductor MIC809 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIC809/MIC810 Microprocessor Reset Circuits
Pin Functions
3
IC Ground Pin.
RESET goes low if VCC falls below the reset threshold and remains
asserted for one reset timeout period (140ms min.) after VCC exceeds
the reset threshold.
RESET goes high if VCC falls below the reset threshold and remains
asserted for one reset timeout period (140ms min.) after VCC exceeds
the reset threshold.
Power supply input, 3V, 3.3V or 5V.
Pin No.
Pin Name
MIC809
MIC810
GND
11
RESET
2
N/A
RESET
N/A
2
VCC
33



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com