Electronic Components Datasheet Search
  English  ▼

X  

MICRF011 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF011
Description  QwikRadiotm Receiver/Data Demodulator Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF011 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF011 Datasheet HTML 3Page - Micrel Semiconductor MICRF011 Datasheet HTML 4Page - Micrel Semiconductor MICRF011 Datasheet HTML 5Page - Micrel Semiconductor MICRF011 Datasheet HTML 6Page - Micrel Semiconductor MICRF011 Datasheet HTML 7Page - Micrel Semiconductor MICRF011 Datasheet HTML 8Page - Micrel Semiconductor MICRF011 Datasheet HTML 9Page - Micrel Semiconductor MICRF011 Datasheet HTML 10Page - Micrel Semiconductor MICRF011 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
QwikRadio
tm
99
December 1998b
MICRF011
MICRF011
Micrel
3. Selecting CAGC Capacitor
Selection of CAGC is dictated by minimizing the ripple on
the AGC control voltage, by using a sufficiently large
capacitor. It is Micrel’s experience that CAGC should be in
the vicinity of 0.47
µF to 4.7µF. Large capacitor values
should be carefully considered, as this determines the time
required for the AGC control voltage to settle from a
completely discharged condition. AGC settling time from a
completely discharged (0-volt) state is given approximately
by equation (6):
∆T = (1.333 * CAGC) – 0.44
(6)
where CAGC is in microfarads, and
∆T is in seconds.
I/O Pin Interface Circuitry
Interface circuitry for the various I/O pins of the MICRF011 is
shown in Figures 1 through 6.
Specific information
regarding each of these circuits is discussed in the following
sub-paragraphs.
Not shown are ESD protection diodes
which are applied to all input and output pins.
1. ANT Pin
The ANT pin is internally AC-coupled via a 3pF capacitor, to
an RF N-channel MOSFET, as shown in Figure 1.
Impedance on this pin to VSS is quite high at low
frequencies, and decreases as frequency increases. In the
UHF frequency range, the device input can be modeled as
6.3k
Ω in parallel with 2pF (pin capacitance) shunt to
VSSRF.
2. CTH Pin
Figure 2 illustrates the CTH pin interface circuit. CTH pin is
driven from a P-channel MOSFET source-follower biased
with approximately 10µA of bias current.
Transmission
gates TG1 and TG2 isolate the 6.9pF capacitor.
Internal
control signals PHI1/PHI2 are related in a manner such that
the impedance across the transmission gates looks like a
“resistance” of approximately 118k
Ω. The DC potential on
the CTH pin is approximately 1.6V.
3. CAGC Pin
Figure 3 illustrates the CAGC pin interface circuit. The AGC
control voltage is developed as an integrated current into a
capacitor CAGC.
The attack current is nominally 15
µA,
while the decay current is a 1/10th scaling of this,
approximately 1.5
µA. Signal gain of the RF/IF strip inside
the IC diminishes as the voltage on CAGC decreases. By
simply adding a capacitor to CAGC pin, the attack/decay
time constant ratio is fixed at 1:10. Further discussion on
setting the attack time constant is found in “Application Note
22,
MICRF001
Theory
of
Operation”,
section
6.5.
Modification of the attack/decay ratio is possible by adding
resistance from CAGC pin either to VDDBB or VSSBB, as
desired.
4. DO Pin
The output stage for the Data Comparator (DO pin) is shown
in Figure 4. The output is a 10µA push-10µA pull, switched
current stage. Such an output stage is capable of driving
CMOS-type
loads.
An
external
buffer-driver
is
recommended for driving high capacitance loads.
5. REFOSC Pin
The REFOSC input circuit is shown in Figure 5.
Input
impedance is quite high (200k
Ω).
This is a Colpitts
oscillator, with internal 30pF capacitors.
This input is
intended
to
work
with
standard
ceramic
resonators,
connected from this pin to VSSBB, although a crystal may
be used instead, where greater frequency accuracy is
required.
The resonators should not contain integral
capacitors, since these capacitors are contained inside the
IC.
Externally applied signals should be AC-coupled,
amplitude limited to approximately 0.5Vpp. The nominal DC
bias voltage on this pin is 1.4V.
6. Control Inputs (SEL0, SEL1, SWEN)
Control input circuitry is shown in Figure 6. The standard
input is a logic inverter constructed with minimum geometry
MOSFETs (Q2, Q3). P-channel MOSFET Q1 is a large
channel length device which functions essentially as a
“weak” pullup to VDDBB. Typical pullup current is 5
µA,
leading to an impedance to the VDDBB supply of typically
1M
Ω.
Figure 1 ANT Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com