Electronic Components Datasheet Search
  English  ▼

X  

MICRF011 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF011
Description  QwikRadiotm Receiver/Data Demodulator Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF011 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF011 Datasheet HTML 1Page - Micrel Semiconductor MICRF011 Datasheet HTML 2Page - Micrel Semiconductor MICRF011 Datasheet HTML 3Page - Micrel Semiconductor MICRF011 Datasheet HTML 4Page - Micrel Semiconductor MICRF011 Datasheet HTML 5Page - Micrel Semiconductor MICRF011 Datasheet HTML 6Page - Micrel Semiconductor MICRF011 Datasheet HTML 7Page - Micrel Semiconductor MICRF011 Datasheet HTML 8Page - Micrel Semiconductor MICRF011 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
QwikRadio
tm
4
December 1998b
MICRF011
MICRF011
Micrel
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDDRF, VDDBB).................................+7V
Voltage on any I/O Pin.........................VSS-0.3 to VDD+0.3
Junction Temperature..............................................+150
°C
Storage Temperature Range.....................-65
°C to + 150°C
Lead Temperature (soldering, 10 seconds).............+ 260
°C
Operating Ratings
Supply Voltage (VDDRF, VDDBB)..................4.75V to 5.5V
Ambient Operating Temperature (TA)..........-40°C to +85°C
Package Thermal Resistance
θJA (14 Pin DIP)........90°C/W
Package Thermal Resistance
θJA (14 Pin SOIC)...120°C/W
This device is ESD sensitive: Meets Class 1ESD test
requirements (Human body Model, HBM), in
accordance with MIL-STD-883C, Method 3015. Do
not operate or store near strong electrostatic fields.
Use appropriate ESD precautions.
Electrical Characteristics
Unless otherwise stated, these specifications apply for Ta=-40
°C to 85°C, 4.75<VDD<5.5V. All voltages are with respect to
Ground; Positive currents flow into device pins.
CAGC = 4.7µF, CTH = .047µF, VDDRF= VDDBB = VDD.
REFOSC
frequency =4.90MHz. Note: Items in bold represent changes from the MICRF001 specification.
Parameter
Test Conditions
MIN
TYP
MAX
UNITS
Power Supply
Operating Current
2.4
mA
RF/IF Section
Receiver Sensitivity
Note 1, 3
-103
dBm
IF Center Frequency
Note 4
0.86
MHz
IF 3dB Bandwidth
Note 3, 4
0.43
MHz
RF Input Range
300
440
MHz
Receive Modulation Duty-Cycle
20
80
%
Maximum Receiver Input
Rsc = 50
Ω
-20
dBm
Spurious Reverse Isolation
ANT pin, Rsc = 50
Ω Note 2
30
µVrms
AGC Attack / Decay ratio
T(Attack) / T(Decay)
0.1
Local Oscillator Stabilization Time
To 1% of Final Value
2.5
msec
Demod Section
CTH Source Impedance
Note 5
118k
Ω
CTH Source Impedance Variation
-15
+15
%
Demod Filter Bandwidth
SEL0 = SEL1 = SWEN = VDD, Note 4, 6
4160
Hz
Demod Filter Bandwidth
SEL0 = SEL1 = VDD, SWEN = VSS
Note 4, 6
8320
Hz
Digital Section
REFOSC Input Impedance
200k
Ω
Input Pullup Current
SEL0, SEL1, SWEN = VSS
8
µA
Input High Voltage
SEL0, SEL1, SWEN
0.8VDD
V
Input Low Voltage
SEL0, SEL1, SWEN
0.2VDD
V
Output Current
DO pin, Push-Pull
10
µA
Output High Voltage
DO pin, Iout = -1µA
0.9VDD
V
Output Low Voltage
DO pin, Iout = +1µA
0.1VDD
V
Output Tr, Tf
DO pin, Cload= 15pF
10
µsec
Note 1:
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10e-2 Bit Error Rate (BER). The
input signal is defined as a return-to-zero (RZ) waveform with 50% average duty cycle (e.g., Manchester Encoded Data) at a
data rate of 300bps. The RF input is assumed to be matched into 50
Ω.
Note 2:
Spurious reverse isolation represents the spurious components which appear on the RF input (ANT) pin measured into 50
Ω
with an input RF matching network.
Note 3:
Sensitivity, a commonly specified Receiver parameter, provides an indication of the Receiver’s input referred noise, generally
input thermal noise. However, it is possible for a more sensitive receiver to exhibit range performance no better than that of a
less sensitive receiver, if the “ether” noise is appreciably higher than the thermal noise. “Ether” noise refers to other interfering
“noise” sources, such as FM radio stations, pagers, etc.
A better indicator of receiver range performance is usually given by its Selectivity, often stated as Intermediate Frequency (IF)
or Radio Frequency (RF) bandwidth, depending on receiver topology. Selectivity is a measure of the rejection by the receiver
of “ether” noise. More selective receivers will almost invariably provide better range. Only when the receiver selectivity is so
high that most of the noise on the receiver input is actually thermal will the receiver demonstrate sensitivity-limited
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com