Electronic Components Datasheet Search
  English  ▼

X  

MICRF011 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF011
Description  QwikRadiotm Receiver/Data Demodulator Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF011 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF011 Datasheet HTML 1Page - Micrel Semiconductor MICRF011 Datasheet HTML 2Page - Micrel Semiconductor MICRF011 Datasheet HTML 3Page - Micrel Semiconductor MICRF011 Datasheet HTML 4Page - Micrel Semiconductor MICRF011 Datasheet HTML 5Page - Micrel Semiconductor MICRF011 Datasheet HTML 6Page - Micrel Semiconductor MICRF011 Datasheet HTML 7Page - Micrel Semiconductor MICRF011 Datasheet HTML 8Page - Micrel Semiconductor MICRF011 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
QwikRadio
tm
5
December 1998b
MICRF011
MICRF011
Micrel
Note 4:
Parameter scales linearly with REFOSC frequency ft.
For any REFOSC frequency other than 4.90MHz, compute new
parameter value as the ratio [(REFOSC FREQ (in MHz) / 4.90] * [Parameter Value @ 4.90MHz]. Example: For REFOSC
Freq. ft = 6.00MHz, [Parameter Value @ 6.00MHz] = (6.00 / 4.90) *[Parameter Value @ 4.90MHz].
Note 5:
Parameter scales inversely with REFOSC frequency ft.
For any REFOSC frequency other than 4.90MHz, compute new
parameter value as the ratio [4.90 / (REFOSC FREQ (in MHz)] * [Parameter Value @ 4.90MHz]. Example: For REFOSC
Freq. ft = 6.00MHz, [Parameter Value @ 6.00MHz] = (4.90 / 6.00) * [Parameter Value @ 4.90MHz].
Note 6:
Demod filter bandwidths are related in a binary manner, so any of the (lower) nominal filter values may be derived simply by
dividing this parameter value by 2, 4, or 8 as desired.
Typical Performance Characteristics
1.90
2.10
2.30
2.50
2.70
2.90
3.10
3.30
-40
-20
0
20
40
60
85
Temperature (C)
Frequency (MHz)
IDD(mA)
IDD(mA)
1.60
2.10
2.60
3.10
3.60
4.10
4.60
5.10
5.60
6.10
250
275
300
325
350
375
400
425
450
475
500
MICRF011 IDD vs Frequency
(Temperature=25
°°C, VDD=5.0V, SWP Mode)
MICRF011 IDD vs Temperature
(Frequency=315MHz, VDD=5.0V, SWP Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com