Electronic Components Datasheet Search
  English  ▼

X  

MICRF011 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF011
Description  QwikRadiotm Receiver/Data Demodulator Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF011 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF011 Datasheet HTML 1Page - Micrel Semiconductor MICRF011 Datasheet HTML 2Page - Micrel Semiconductor MICRF011 Datasheet HTML 3Page - Micrel Semiconductor MICRF011 Datasheet HTML 4Page - Micrel Semiconductor MICRF011 Datasheet HTML 5Page - Micrel Semiconductor MICRF011 Datasheet HTML 6Page - Micrel Semiconductor MICRF011 Datasheet HTML 7Page - Micrel Semiconductor MICRF011 Datasheet HTML 8Page - Micrel Semiconductor MICRF011 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Micrel Inc.
• 1849 Fortune Drive San Jose, Ca 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
MICRF011
QwikRadio
tm Receiver/Data Demodulator
Preliminary Information
General Description
The MICRF011, an enhanced version of the MICRF001, is a single chip
OOK (ON-OFF Keyed) Receiver IC for remote wireless applications,
employing Micrel’s latest QwikRadio
tm technology. This device is a true
“antenna-in, data-out” monolithic device.
All RF and IF tuning is
accomplished automatically within the IC, which eliminates manual
tuning and reduces production costs. Receiver functions are completely
integrated. The result is a highly reliable yet extremely low cost solution
for high volume wireless applications. Because the MICRF011 is a true
single-chip radio receiver, it is extremely easy to apply, minimizing design
and production costs, and improving time to market.
The MICRF011 is a functional and pin equivalent upgrade to the
MICRF001, providing improved range, lower power consumption, and
higher data rate support when in FIXED mode.
The MICRF011 provides two fundamental modes of operation, FIXED
and SWP.
In FIXED mode, the device functions like a conventional
superheterodyne receiver, with an (internal) local oscillator fixed at a
single frequency based on an external reference crystal or clock. As with
any conventional superheterodyne receiver, the transmit frequency must
be accurately controlled, generally with a crystal or SAW (Surface
Acoustic Wave) resonator.
In SWP mode, the MICRF011 sweeps the (internal) local oscillator at
rates greater than the baseband data rate. This effectively “broadens”
the RF bandwidth of the receiver to a value equivalent to conventional
super-regenerative receivers. Thus the MICRF011 can operate with less
expensive LC transmitters without additional components or tuning, even
though the receiver topology is still superheterodyne. In this mode the
reference crystal can be replaced with a less expensive
± 0.5% ceramic
resonator.
All post-detection (demodulator) data filtering is provided on the
MICRF011, so no external filters need to be designed. Any one of four
filter bandwidths may be selected externally by the user. Bandwidths
range in binary steps, from 0.625kHz to 5kHz (SWP mode) or 1.25kHz to
10kHz (FIXED mode). The user only needs to program the appropriate
filter selection based on data rate and code modulation format.
Features
• Complete UHF receiver on a monolithic chip
• Frequency range 300 to 440 MHz
• Typical range over 200 meters with monopole
antenna
• Data rates to 2.5kbps (SWP), 10kbps (FIXED)
• Automatic tuning, no manual adjustment
• No Filters or Inductors required
• Low Operating Supply Current—2.4 mA at 315MHz
• Fully pin compatible with MICRF001
• Very low RF re-radiation at the antenna
• Direct CMOS logic interface to standard decoder
and microprocessor ICs
• Extremely low external part count
Applications
• Garage Door/Gate Openers
• Security Systems
• Remote Fan/Light Control
IMPORTANT: Items in bold type represent changes from
the MICRF001 specification.
Differences between the
MICRF001 and -011 are identified in table 2, together with
design considerations for using the -011 in present
MICRF001 designs.
Typical Operating Circuit
385.5 MHz, 1200 bps OOK RECEIVER


Similar Part No. - MICRF011

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
MICRF010BM MICREL-MICRF010BM Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
MICRF010YM MICREL-MICRF010YM Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
More results

Similar Description - MICRF011

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
670Kb / 2P
PointCharger??GPS Receiver IC Preliminary Information
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF003 MICREL-MICRF003 Datasheet
216Kb / 16P
QwikRadiotm 900 MHz UHF Receiver Preliminary Information
logo
Mitel Networks Corporat...
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
Data Access Arrangement Preliminary Information
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
Wideband PLL FM Demodulator Preliminary Information
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com