Electronic Components Datasheet Search
  English  ▼

X  

MICRF004BN Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF004BN
Description  QwikRadio??Low-Power VHF Receiver Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF004BN Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF004BN Datasheet HTML 2Page - Micrel Semiconductor MICRF004BN Datasheet HTML 3Page - Micrel Semiconductor MICRF004BN Datasheet HTML 4Page - Micrel Semiconductor MICRF004BN Datasheet HTML 5Page - Micrel Semiconductor MICRF004BN Datasheet HTML 6Page - Micrel Semiconductor MICRF004BN Datasheet HTML 7Page - Micrel Semiconductor MICRF004BN Datasheet HTML 8Page - Micrel Semiconductor MICRF004BN Datasheet HTML 9Page - Micrel Semiconductor MICRF004BN Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MICRF004/RF044
Micrel
MICRF004
6
February 9, 2000
Typical Characteristics
0
1
2
3
4
100 125 150 175 200 225 250
FREQUENCY (MHz)
Supply Current
vs. Frequency
T
A = 25°C
V
DD = 5V
Sweep Mode,
Continuous Operation
0
1
2
3
4
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Supply Current
vs. Temperature
f = 150MHz
V
DD = 5V
Sweep Mode,
Continuous Operation
Functional Characteristics
Antenna Impedance
y
c
n
e
u
q
e
r
F
x
e
l
p
m
o
C
e
c
n
a
d
e
p
m
I
e
c
n
a
t
i
c
a
p
a
C
z
H
M
0
4
14
1
.
1
3
.
4
j
–
3
5
.
2
1F
p
3
6
.
2
z
H
M
9
4
17
8
.
6
0
4
j
–
6
.
5
1F
p
3
6
.
2
z
H
M
0
6
18
7
.
7
7
3
j
–
8
1
.
5
1F
p
3
6
.
2
z
H
M
0
7
16
3
.
5
5
3
j
–
9
3
.
4
1F
p
3
6
.
2
z
H
M
3
7
14
2
.
7
4
3
j
–
1
5
.
3
1F
p
4
6
.
2
z
H
M
0
8
18
9
.
3
3
3
j
–
9
7
.
4
1F
p
4
6
.
2
z
H
M
4
8
10
1
.
7
2
3
j
–
7
4
.
3
1F
p
5
6
.
2
z
H
M
0
9
13
4
.
6
1
3
j
–
5
1
.
1
1F
p
5
6
.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com