Electronic Components Datasheet Search
  English  ▼

X  

MICRF004BN Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF004BN
Description  QwikRadio??Low-Power VHF Receiver Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF004BN Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF004BN Datasheet HTML 3Page - Micrel Semiconductor MICRF004BN Datasheet HTML 4Page - Micrel Semiconductor MICRF004BN Datasheet HTML 5Page - Micrel Semiconductor MICRF004BN Datasheet HTML 6Page - Micrel Semiconductor MICRF004BN Datasheet HTML 7Page - Micrel Semiconductor MICRF004BN Datasheet HTML 8Page - Micrel Semiconductor MICRF004BN Datasheet HTML 9Page - Micrel Semiconductor MICRF004BN Datasheet HTML 10Page - Micrel Semiconductor MICRF004BN Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
February 9, 2000
7
MICRF004/RF044
MICRF004/RF044
Micrel
Functional Description
Refer to “MICRF004 Block Diagram”. Identified in the block
diagram are the four sections of the IC: UHF Downconverter,
OOK Demodulator, Reference and Control, and Wakeup.
Also shown in the figure are two capacitors (C
TH, CAGC) and
one timing component (CR), usually a ceramic resonator.
With the exception of a supply decoupling capacitor, these
are the only external components needed by the MICRF004
to assemble a complete UHF receiver. Four control inputs are
shown in the block diagram: SEL0, SEL1, SWEN, and SHUT.
Using these logic inputs, the user can control the operating
mode and selectable features of the IC. These inputs are
CMOS compatible, and are pulled-up on the IC.
Sweep-Mode Enable
Logic-input SWEN selects either fixed-mode or sweep-mode
operation. When SWEN is low, the IC is in fixed mode, and
functions as a conventional superheterodyne receiver. When
SWEN is high, the IC is in sweep mode.
Fixed-Mode Operation
For applications where the transmit frequency must be accu-
rately set (that is, applications where a SAW transmitter is
used for its mechanical stability), the MICRF004 may be
configured as a standard superheterodyne receiver (fixed
mode). Fixed-mode operation receives a narrower band-
width making it less susceptable to competing signals. Fixed
mode is selected by connecting SWEN to ground which
forces the on-chip LO frequency to a fixed value. In fixed
mode a crystal (higher frequency tolerance) must be used
instead of a ceramic resonator (lower frequency tolerance).
Data rates beyond 10kb/s are possible in fixed mode.
Functional Diagram
Peak
Detector
AGC
Control
2nd Order
Programmable
Low-Pass Filter
5th Order
Band-Pass Filter
Programmable
Synthesizer
Control
Logic
RSC
Resettable
Counter
Reference
Oscillator
CR
Ceramic
Resonator
CAGC
ANT
SEL0
VDD
VSS
SEL1
SWEN
REFOSC
500kHz
Switched-
Capacitor
Resistor
WAKEB
CTH
DO
MICRF004
RF
Amp
IF
Amp
IF
Amp
Compa-
rator
Wakeup
Reference and Control
VHF Downconverter
OOK Demodulator
fRX
fLO
fIF
SHUT
CAGC
CTH
Sweep-Mode Operation
In sweep mode, while the topology is still superheterodyne,
the LO (local oscillator) is deterministically swept over a
range of frequencies at rates greater than the data rate. When
coupled with a peak-detecting demodulator, this technique
effectively increases the RF bandwidth of the MICRF004,
allowing the device to operate in applications where signifi-
cant transmitter-receiver frequency misalignment may exist.
The swept-LO technique does not affect the IF bandwidth,
therefore noise performance is not degraded relative to fixed
mode. The IF bandwidth is 500kHz whether the device is
operating in fixed or sweep mode.
Due to limitations imposed by the LO sweeping process, the
upper limit on data rate in sweep mode is approximately
2.5kb/s.
Examples of sweep-mode operation include applications
utilizing low-cost LC-based transmitters, where the transmit
frequency may vary up to
±0.5% over initial tolerance, aging,
and temperature. In sweep mode, the LO frequency is varied
in a defined fashion which results in downconversion of all
signals in a band approximately 1.5% around the nominal
transmit frequency. The transmitter may drift up to
±0.5%
without the need to retune the receiver and without impacting
system performance. Similar performance is not currently
available with crystal-based superheterodyne receivers which
can operate only with SAW- or crystal-based transmitters.
In sweep mode only, a range reduction will occur in installa-
tions where there is an undesired competing signal of suffi-
cient strength within of 2% to 3% around the transmit fre-
quency. This is because the process indiscriminately in-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com