Electronic Components Datasheet Search
  English  ▼

X  

MICRF004BN Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF004BN
Description  QwikRadio??Low-Power VHF Receiver Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF004BN Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF004BN Datasheet HTML 1Page - Micrel Semiconductor MICRF004BN Datasheet HTML 2Page - Micrel Semiconductor MICRF004BN Datasheet HTML 3Page - Micrel Semiconductor MICRF004BN Datasheet HTML 4Page - Micrel Semiconductor MICRF004BN Datasheet HTML 5Page - Micrel Semiconductor MICRF004BN Datasheet HTML 6Page - Micrel Semiconductor MICRF004BN Datasheet HTML 7Page - Micrel Semiconductor MICRF004BN Datasheet HTML 8Page - Micrel Semiconductor MICRF004BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
February 9, 2000
5
MICRF004/RF044
MICRF004/RF044
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
Digital/Control Section
I
IN(pu)
Input Pull up Current
SEL0, SEL1, SWEN, V
SHUT = VSS
8
µA
V
IN(high)
Input High Voltage
SEL0, SEL1, SWEN
0.8V
DD
V
V
IN(low)
Input Low Voltage
SEL0, SEL1, SWEN
0.2V
DD
V
I
OUT
Output Current
DO, WAKEB pins, push-pull
10
µA
V
OUT(high)
Output High Voltage
DO, WAKEB pins, I
OUT = –1µA
0.9V
DD
V
V
OUT(low)
Output Low Voltage
DO, WAKEB pins, I
OUT = +1µA
0.1V
DD
V
t
R, tF
Output Rise and Fall Times
DO, WAKEB pins, C
LOAD = 15pF
10
µs
t
WAKEB
Wakeup Output Time
RF
IN = TBDdBm,
4
ms
V
SEL0 = VSEL1 = VSWEN = VSHUT = VSS
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Use appropriate ESD precautions. Meets class 1 ESD test requirements, (human body model HBM), in accor-
dance with MIL-STD-883C, method 3015. Do not operate or store near strong electrostatic fields.
Note 4:
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The input signal is
defined as a return-to-zero (RZ) waveform with 50% average duty cycle (Manchester encoded data) at a data rate of 300b/s. The RF input is
assumed to be matched into 50
Ω.
Note 5:
Spurious reverse isolation represents the spurious components which appear on the RF input pin (ANT) measured into 50
Ω with an input RF
matching network.
Note 6:
Sensitivity, a commonly specified receiver parameter, provides an indication of the receiver’s input referred noise, generally input thermal
noise. However, it is possible for a more sensitive receiver to exhibit range performance no better than that of a less sensitive receiver if the
background noise is appreciably higher than the thermal noise. Background noise refers to other interfering signals, such as FM radio
stations, pagers, etc.
A better indicator of achievable receiver range performance is usually given by its selectivity, often stated as fntermediate frequency (IF) or
radio frequency (RF) bandwidth, depending on receiver topology. Selectivity is a measure of the rejection by the receiver of “ether” noise.
More selective receivers will almost invariably provide better range. Only when the receiver selectivity is so high that most of the noise on the
receiver input is actually thermal will the receiver demonstrate sensitivity-limited performance.
Note 7:
Parameter scales linearly with reference oscillator frequency f
T. For any reference oscillator frequency other than 4.65MHz, compute new
parameter value as the ratio:
f
MHz
4.65
(parameter value at 4.65MHz)
REFOSC
×
Example: For reference oscillator freqency f
T = 6.00MHz:
(parameter value at 6.00MHz)
6.00
4.65
(paramter value at 4.65MHz)
=×
Note 8:
Parameter scales inversely with reference oscillator frequency f
T. For any reference oscillator frequency other than 4.65MHz, compute new
parameter value as the ratio:
4.65
f
MHz
(parmeter value at 4.65MHz)
REFOSC
×
Example: For reference oscillator frequency f
T = 6.00MHz:
(parmeter value at 4.65MHz)
4.65
6.00
(parmeter value at 4.65MHz)
=×
Note 9:
Demodulator filter bandwidths are related in a binary manner, so any of the (lower) nominal filter values may be derived simply by dividing this
parameter value by 2, 4, or 8 as desired.
Note 10: External signal generator used. When a crystal or ceramic resonator is used, the minimum voltage is 300mVp-p. The reference oscillator
voltage amplitude is a function of the quality of the ceramic or crystal resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com