Electronic Components Datasheet Search
  English  ▼

X  

MICRF004BN Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF004BN
Description  QwikRadio??Low-Power VHF Receiver Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF004BN Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF004BN Datasheet HTML 7Page - Micrel Semiconductor MICRF004BN Datasheet HTML 8Page - Micrel Semiconductor MICRF004BN Datasheet HTML 9Page - Micrel Semiconductor MICRF004BN Datasheet HTML 10Page - Micrel Semiconductor MICRF004BN Datasheet HTML 11Page - Micrel Semiconductor MICRF004BN Datasheet HTML 12Page - Micrel Semiconductor MICRF004BN Datasheet HTML 13Page - Micrel Semiconductor MICRF004BN Datasheet HTML 14Page - Micrel Semiconductor MICRF004BN Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
February 9, 2000
11
MICRF004/RF044
MICRF004/RF044
Micrel
Application Information
Transmitter Compatibility
Generally, the MICRF004 can be operated in sweep mode,
using a low-cost ceramic resonator. Sweep mode works with
LC-, crystal-, or SAW-based transmitters, without any signifi-
cant range difference. In fixed mode a SAW-based or crystal-
controlled transmitter must be used.
Bypass and Output Capacitors
The bypass and output capacitors connected to VSSBB
should have the shortest possible lead lengths. For best
performance, connect VSSRF to VSSBB at the power supply
only (that is, keep V
SSBB currents from flowing through the
V
SSRF return path).
Crystal or Ceramic Resonator Selection
Do not use resonators with integral capacitors since capaci-
tors are included in the IC.
If operating in fixed mode, a crystal must be used. In sweep
mode, either a crystal or ceramic resonator may be used.
External Timing Signals
Externally applied signals should be ac-coupled and the
amplitude must be limited to approximately 0.5Vpp.
Bandwidth Programming
Bandwidth must be selected accoring to the application.
0
L
E
S1
L
E
S
h
t
d
i
w
d
n
a
B
r
o
t
a
l
u
d
o
m
e
D
e
d
o
M
p
e
e
w
Se
d
o
M
D
E
X
I
F
11
z
H
0
0
4
4z
H
0
0
8
8
01
z
H
0
0
2
2z
H
0
0
4
4
10
z
H
0
0
1
1z
H
0
0
2
2
00
z
H
0
5
5z
H
0
0
1
1
Table 1. Bandwidth Selection
Optional BandPass Filter
For applications located in high ambient noise environments,
a fixed value band-pass network may be connected between
the ANT pin and VSSRF to provide additional receive selec-
tivity and input overload protection. A typical filter is included
in Figure 7a.
Squelch
During quiet periods (no signal) the data output (DO pin)
transitions randomly with noise, presenting problems for
some decoders. A simple solution is to introduce a small
offset, or squelch voltage, on the CTH pin so that noise does
not trigger the internal comparator. Usually 20mV to 30mV is
sufficient, and may be introduced by connecting a several-
megohm resistor from the CTH pin to either V
SS or VDD,
depending on the desired offset polarity. Since the MICRF004
has receiver AGC, noise at the internal comparator input is
always the same, set by the AGC. The squelch offset require-
ment does not change as the local noise strength changes
from installation to installation. Introducing squelch will re-
duce range modestly. Only introduce an amount of offset
sufficient to quiet the output.
Utilizing Wake-Up
To utilize the wake-up function, a burst of RF carrier in excess
of 5.5ms must be received at the start of
each data code word
(preferred for best communication reliability) or a single
5.5ms RF carrier tone must be received at the start of the data
pattern. When this constant carrier is detected, without inter-
ruption, WAKEB will transition low and stay low until data
begins.
For designers who wish to use the wakeup function while
squelching the output, a positive squelching offset voltage
must be used. This simply requires that the squelch resistor
be connected to a voltage more positive than the quiescent
voltage on the CTH pin so that the data output is low in
absence of a transmission.
AGC Configuration
By adding resistance from the CAGC pin to VDDBB or
VSSBB in parallel with the AGC capacitor, the ratio of decay-
to-attack time constant may be varied, although the value of
such adjustments must be studied on a per-application basis.
Generally the design value of 10:1 is adequate for the vast
majority of applications.
To maximize system range, it is important to keep the AGC
control voltage ripple low, preferably under 10mVpp once the
control voltage has attained its quiescent value. For this
reason capacitor values of at least 0.47
µF are recommended.
Frequency and Capacitor Selection
Selection of the reference oscillator frequency f
T, slicing level
capacitor (C
TH), and AGC capacitor (CAGC) are briefly sum-
marized in this section.
Selecting Reference Oscillator Frequency f
T
(Fixed Mode)
As with any superheterodyne receiver, the difference be-
tween the internal LO (local oscillator) frequency f
LO and the
incoming transmit frequency f
TX ideally must equal the IF
center frequency. Equation 1 may be used to compute the
appropriate f
LO for a given fTX:
(1)
f
f
0.787
f
LO
TX
TX
=± 


150
Frequencies f
TX and fLO are in MHz. Note that two values of
f
LO exist for any given fTX, distinguished as “high-side mixing”
and “low-side mixing,” and there is generally no preference of
one over the other.
After choosing one of the two acceptable values of f
LO, use
Equation 2 to compute the reference oscillator frequency f
T:
(2)
f
f
32.5
T
LO
=
Frequency f
T is in MHz. Connect a crystal of frequency fT to
REFOSC on the MICRF004. Four-decimal-place accuracy
on the frequency is generally adequate. The following table
identifies f
T for some common transmit frequencies when the
MICRF004 is operated in fixed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com