Electronic Components Datasheet Search
  English  ▼

X  

LM4911 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4911
Description  Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4911 Datasheet(HTML) 1 Page - Texas Instruments

  LM4911 Datasheet HTML 1Page - Texas Instruments LM4911 Datasheet HTML 2Page - Texas Instruments LM4911 Datasheet HTML 3Page - Texas Instruments LM4911 Datasheet HTML 4Page - Texas Instruments LM4911 Datasheet HTML 5Page - Texas Instruments LM4911 Datasheet HTML 6Page - Texas Instruments LM4911 Datasheet HTML 7Page - Texas Instruments LM4911 Datasheet HTML 8Page - Texas Instruments LM4911 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM4911, LM4911Q
www.ti.com
SNAS152M – MAY 2004 – REVISED JUNE 2011
LM4911/LM4911Q
Stereo 40mW Low Noise Headphone
Amplifier with Selectable Capacitive Coupled or OCL Output
Check for Samples: LM4911, LM4911Q
1
FEATURES
KEY SPECIFICATIONS
2
•
OCL or Capacitively Coupled Outputs (Patent
•
PSRR at 217Hz and 1kHz 65 dB (typ)
Pending)
•
Output Power at 1kHz with VDD = 2.4V,
•
External Gain-Setting Capability
1% THD+N into a 16
Ω Load 25 mW (typ)
•
Available in Space-Saving VSSOP and WSON
•
Output Power at 1kHz with VDD = 3V,
Packages
1% THD+N into a 16
Ω Load 40 mW (typ)
•
Ultra Low Current Shutdown Mode
•
Shutdown Current 2.0 µA (max)
•
Mute Mode Allows Fast Turn-on (1ms) with
•
Output Voltage Change on Release from
Less Than 1mV Change on Outputs
Shutdown VDD = 2.4V, RL = 16Ω (C-Coupled) 1
mV (max)
•
2V - 5.5V Operation
•
Mute Current 100 µA (max)
•
Ultra Low Noise
•
LM4911QMM is an Automotive Grade Product
DESCRIPTION
that is AEC-Q100 Grade 2 Qualified.
The LM4911/LM4911Q is an stereo audio power
amplifier capable of delivering 40mW per channel of
APPLICATIONS
continuous average power into a 16
Ω load or 25mW
•
Portable CD Players
per channel into a 32
Ω load at 1% THD+N from a 3V
power supply.
•
PDAs
•
Portable Electronics Devices
Boomer
audio
power
amplifiers
were
designed
specifically to provide high quality output power with a
•
Automotive
minimal amount of external components. Since the
LM4911/LM4911Q
does
not
require
bootstrap
capacitors or snubber networks, it is optimally suited
for low-power portable systems. In addition, the
LM4911/LM4911Q may be configured for either
single-ended capacitively coupled outputs or for OCL
outputs (patent pending).
Block Diagram
Figure 1. Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4911

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4911LD NSC-LM4911LD Datasheet
1Mb / 22P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911MM NSC-LM4911MM Datasheet
1Mb / 22P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911MM/NOPB TI1-LM4911MM/NOPB Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results

Similar Description - LM4911

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
Stereo 40mW Low Noise Headphone Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4985 TI1-LM4985_14 Datasheet
1Mb / 33P
LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com