Electronic Components Datasheet Search
  English  ▼

X  

LM4911 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4911
Description  Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4911 Datasheet(HTML) 2 Page - Texas Instruments

  LM4911 Datasheet HTML 1Page - Texas Instruments LM4911 Datasheet HTML 2Page - Texas Instruments LM4911 Datasheet HTML 3Page - Texas Instruments LM4911 Datasheet HTML 4Page - Texas Instruments LM4911 Datasheet HTML 5Page - Texas Instruments LM4911 Datasheet HTML 6Page - Texas Instruments LM4911 Datasheet HTML 7Page - Texas Instruments LM4911 Datasheet HTML 8Page - Texas Instruments LM4911 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM4911, LM4911Q
SNAS152M – MAY 2004 – REVISED JUNE 2011
www.ti.com
DESCRIPTION (CONTINUED)
The LM4911/LM4911Q features a low-power consumption shutdown mode and a power mute mode that allows
for faster turn on time with less than 1mV voltage change at outputs on release. Additionally, the
LM4911/LM4911Q features an internal thermal shutdown protection mechanism.
The LM4911/LM4911Q is unity gain stable and may be configured with external gain-setting resistors.
A Q-grade version is available for automotive applications. It is AEC-Q100 grade 2 qualified and packaged in a
10–pin VSSOP package (LM4911QMM).
Typical Application
Figure 2. Typical Capacitive Coupled Output Configuration Circuit
Figure 3. Typical OCL Output Configuration Circuit
2
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM4911 LM4911Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com