Electronic Components Datasheet Search
  English  ▼

X  

LM4911 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM4911
Description  Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4911 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4911 Datasheet HTML 17Page - Texas Instruments LM4911 Datasheet HTML 18Page - Texas Instruments LM4911 Datasheet HTML 19Page - Texas Instruments LM4911 Datasheet HTML 20Page - Texas Instruments LM4911 Datasheet HTML 21Page - Texas Instruments LM4911 Datasheet HTML 22Page - Texas Instruments LM4911 Datasheet HTML 23Page - Texas Instruments LM4911 Datasheet HTML 24Page - Texas Instruments LM4911 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM4911, LM4911Q
www.ti.com
SNAS152M – MAY 2004 – REVISED JUNE 2011
POWER DISSIPATION
Power dissipation is a major concern when using any power amplifier and must be thoroughly understood to
ensure a successful design. When operating in capacitor-coupled mode, Equation 1 states the maximum power
dissipation point for a single-ended amplifier operating at a given supply voltage and driving a specified output
load.
PDMAX = (VDD)
2 / (2π2R
L)
(1)
Since the LM4911/LM4911Q has two operational amplifiers in one package, the maximum internal power
dissipation point is twice that of the number which results from Equation 1. From Equation 1, assuming a 3V
power supply and an 32
Ω load, the maximum power dissipation point is 14mW per amplifier. Thus the maximum
package dissipation point is 28mW.
When operating in OCL mode, the maximum power dissipation increases due to the use of the third amplifier as
a buffer and is given in Equation 2:
PDMAX = 4(VDD)
2 / (π2R
L)
(2)
The maximum power dissipation point obtained from either Equation 1 or Equation 2 must not be greater than
the power dissipation that results from Equation 3:
PDMAX = (TJMAX - TA) / θJA
(3)
For package DGS0010A,
θJA = 190°C/W; for package NGY0010A, θJA = 63°C/W. TJMAX = 150°C for the
LM4911/LM4911Q. Depending on the ambient temperature, TA, of the system surroundings, Equation 3 can be
used to find the maximum internal power dissipation supported by the IC packaging. If the result of Equation 1 or
Equation 2 is greater than that of Equation 3, then either the supply voltage must be decreased, the load
impedance increased or TA reduced. For the typical application of a 3V power supply, with a 32Ω load, the
maximum ambient temperature possible without violating the maximum junction temperature is approximately
144°C provided that device operation is around the maximum power dissipation point. Thus, for typical
applications, power dissipation is not an issue. Power dissipation is a function of output power and thus, if typical
operation is not around the maximum power dissipation point, the ambient temperature may be increased
accordingly. Refer to the Typical Performance Characteristics curves for power dissipation information for lower
output powers.
EXPOSED-DAP PACKAGE PCB MOUNTING CONSIDERATIONS
The LM4911/LM4911Q's exposed-DAP (die attach paddle) package (WSON) provides a low thermal resistance
between the die and the PCB to which the part is mounted and soldered. This allows rapid heat transfer from the
die to the surrounding PCB copper traces, ground plane, and surrounding air.
The WSON package should have its DAP soldered to a copper pad on the PCB. The DAP's PCB copper pad
may be connected to a large plane of continuous unbroken copper. This plane forms a thermal mass, heat sink,
and radiation area. Further detailed and specific information concerning PCB layout, fabrication, and mounting an
WSON package is available from TI's Package Engineering Group under application note AN-1187 (SNOA401).
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is important for low noise performance and high power supply
rejection. The capacitor location on the power supply pins should be as close to the device as possible.
Typical applications employ a 3V regulator with 10mF tantalum or electrolytic capacitor and a ceramic bypass
capacitor which aid in supply stability. This does not eliminate the need for bypassing the supply nodes of the
LM4911/LM4911Q. A bypass capacitor value in the range of 0.1µF to 1µF is recommended for CS.
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4911 LM4911Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com