Electronic Components Datasheet Search
  English  ▼

X  

LM4911 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4911
Description  Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4911 Datasheet(HTML) 3 Page - Texas Instruments

  LM4911 Datasheet HTML 1Page - Texas Instruments LM4911 Datasheet HTML 2Page - Texas Instruments LM4911 Datasheet HTML 3Page - Texas Instruments LM4911 Datasheet HTML 4Page - Texas Instruments LM4911 Datasheet HTML 5Page - Texas Instruments LM4911 Datasheet HTML 6Page - Texas Instruments LM4911 Datasheet HTML 7Page - Texas Instruments LM4911 Datasheet HTML 8Page - Texas Instruments LM4911 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
8
9
4
3
1
2
7
6
5
10
GND
VoB
VoA
VDD
VoC
SD
BYPASS
IN B
IN A
MUTE
LM4911, LM4911Q
www.ti.com
SNAS152M – MAY 2004 – REVISED JUNE 2011
Connection Diagram
Figure 4. VSSOP Package (Top View)
Figure 5. WSON Package (Top View)
See Package Number DGS0010A
See Package Number NGY0010A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
-0.3V to VDD + 0.3V
Power Dissipation (3)
Internally Limited
ESD Susceptibility (4)
2000V
ESD Susceptibility (5)
200V
Junction Temperature
150°C
θJC (VSSOP)
56°C/W
θJA (VSSOP)
190°C/W
Thermal Resistance
θJA (WSON)
(6)
63°C/W
θJA (WSON)
(6)
12°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits.Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensures specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM4911/LM4911Q, see power derating currents for more information.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine Model, 220pF-240pF discharged through all pins.
(6)
The NGY0010A package has its exposed-DAP soldered to an exposed 1.2in2 area of 1oz. Printed circuit board copper.
Operating Ratings
TMIN ≤ TA ≤ TMAX
(LM4911MM)
−40°C ≤ T A ≤ 85°C
Temperature Range
TMIN ≤ TA ≤ TMAX
(LM4911QMM)
−40°C ≤ T A ≤ 105°C
Supply Voltage (VDD)
2V
≤ VCC ≤ 5.5V
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4911 LM4911Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com