Electronic Components Datasheet Search
  English  ▼

X  

TAS5601 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 4 Page - Texas Instruments

  TAS5601 Datasheet HTML 1Page - Texas Instruments TAS5601 Datasheet HTML 2Page - Texas Instruments TAS5601 Datasheet HTML 3Page - Texas Instruments TAS5601 Datasheet HTML 4Page - Texas Instruments TAS5601 Datasheet HTML 5Page - Texas Instruments TAS5601 Datasheet HTML 6Page - Texas Instruments TAS5601 Datasheet HTML 7Page - Texas Instruments TAS5601 Datasheet HTML 8Page - Texas Instruments TAS5601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TAS5601
SLAS585A – FEBRUARY 2008 – REVISED SEPTEMBER 2008....................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply Voltage
DVDD
–0.3 to 5
V
AVCC, PVCC
–0.3 to 30
Input Voltage
RESET, SE/BTL, PWM_xP, PWM_xN
–0.3 to DVDD + 0.3
V
Operating free-air temperature, TA
–40 to 85
°C
Operating junction temperature range, TJ
–40 to 150
°C
Storage temperature range, Tstg
–65 to 150
°C
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
DCA (56 pin HTSSOP)
5.5 W
44 mW/°C
3.52 W
2.86 W
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
PVCCx, AVCC (minimum series inductance of 5uH
10
26
V
for full output short circuit protection)
PVCCx, AVCC (output is fully protected from shorts
10
20
with no inductance between short and terminal)
Digital reference voltage
DVDD
3
3.3
4.2
V
High-level input voltage, VIH
PWM_xx, RESET, SE/ BTL
2
V
Low-level input voltage, VIL
PWM_xx, RESET, SE/ BTL
0.8
V
High-level output voltage, VOH
FAULT, THERM_WARN, IOH = 10 µA
DVDD–0.4V
V
Low-level output voltage, VOL
FAULT, THERM_WARN, IOL = –10 µA
DGND+0.4V
V
PWM input frequency, fPWM
PWM_xx
200
400
kHz
Operating free-air temperature, TA
–40
85
°C
RL(BTL)
Output filter: L= 22
µH, C = 680 nF
6.0
8
Ω
RL(SE)
Load Impedance
3.2
4
RL(PBTL)
3.2
Lo(BTL)
Minimum output inductance under short-circuit
10
µH
Output-filter
condition
Lo (SE)
10
Inductance
Lo (PBTL)
10
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com