Electronic Components Datasheet Search
  English  ▼

X  

TAS5601 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5601 Datasheet HTML 5Page - Texas Instruments TAS5601 Datasheet HTML 6Page - Texas Instruments TAS5601 Datasheet HTML 7Page - Texas Instruments TAS5601 Datasheet HTML 8Page - Texas Instruments TAS5601 Datasheet HTML 9Page - Texas Instruments TAS5601 Datasheet HTML 10Page - Texas Instruments TAS5601 Datasheet HTML 11Page - Texas Instruments TAS5601 Datasheet HTML 12Page - Texas Instruments TAS5601 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TYPICAL CHARACTERISTICS
f − Frequency − Hz
20
VCC =12V
RL =8 Ω
100
1k
10k
0.01
0.1
10
20k
1
P=0.5W
P=5W
P=2.5W
f − Frequency − Hz
20
VCC = 18 V
RL = 8 Ω
100
1k
10k
0.001
0.01
10
20k
0.1
G002
1
P = 1 W
P = 5 W
P = 10 W
f − Frequency − Hz
20
VCC = 24 V
RL = 8 Ω
100
1k
10k
0.001
0.01
10
20k
0.1
G003
1
P = 1 W
P = 5 W
P = 10 W
PO − Output Power − W
0.01
VCC = 12 V
RL = 8 Ω
0.1
1
10
0.001
0.01
10
40
0.1
G004
1
f = 20 Hz
f = 1 kHz
f = 10 kHz
TAS5601
www.ti.com....................................................................................................................................... SLAS585A – FEBRUARY 2008 – REVISED SEPTEMBER 2008
Figure 3. THD+N Vs. Frequency (BTL)
Figure 4. THD+N Vs. Frequency (BTL)
Figure 5. THD+N Vs. Frequency (BTL)
Figure 6. THD+N Vs. Output Power (BTL)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com