Electronic Components Datasheet Search
  English  ▼

X  

TAS5601 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5601 Datasheet HTML 7Page - Texas Instruments TAS5601 Datasheet HTML 8Page - Texas Instruments TAS5601 Datasheet HTML 9Page - Texas Instruments TAS5601 Datasheet HTML 10Page - Texas Instruments TAS5601 Datasheet HTML 11Page - Texas Instruments TAS5601 Datasheet HTML 12Page - Texas Instruments TAS5601 Datasheet HTML 13Page - Texas Instruments TAS5601 Datasheet HTML 14Page - Texas Instruments TAS5601 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
40
45
50
10
12
14
16
18
20
22
24
26
28
G010
THD+N = 1%
THD+N = 10%
RL = 8 Ω
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
RL = 8 Ω
VCC = 12 V
G014
20
100
1k
10k
20k
Left to Right
Right to Left
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
RL = 8 Ω
VCC = 18 V
G015
20
100
1k
10k
20k
Left to Right
Right to Left
f − Frequency − Hz
20
PO = 1 W
RL = 4 Ω
100
1k
10k
0.001
0.01
10
20k
0.1
G017
1
VCC = 24 V
VCC = 18 V
VCC = 12 V
TAS5601
www.ti.com....................................................................................................................................... SLAS585A – FEBRUARY 2008 – REVISED SEPTEMBER 2008
TYPICAL CHARACTERISTICS (continued)
Figure 11. Output Power Vs. Supply Voltage (BTL)
Figure 12. Crosstalk Vs. Frequency
Figure 13. Crosstalk Vs. Frequency
Figure 14. THD+N Vs. Frequency (SE)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com