Electronic Components Datasheet Search
  English  ▼

X  

TAS5601 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5601 Datasheet HTML 13Page - Texas Instruments TAS5601 Datasheet HTML 14Page - Texas Instruments TAS5601 Datasheet HTML 15Page - Texas Instruments TAS5601 Datasheet HTML 16Page - Texas Instruments TAS5601 Datasheet HTML 17Page - Texas Instruments TAS5601 Datasheet HTML 18Page - Texas Instruments TAS5601 Datasheet HTML 19Page - Texas Instruments TAS5601 Datasheet HTML 20Page - Texas Instruments TAS5601 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Analyzer
20Hz-20kHz
(a)BasicClass-AB
APA
Signal
Generator
PowerSupply
Analyzer
20Hz-20kHz
R
L
(b)TraditionalClass-D
Class-D APA
Signal
Generator
PowerSupply
L
filt
C
filt
R
L
TAS5601
www.ti.com....................................................................................................................................... SLAS585A – FEBRUARY 2008 – REVISED SEPTEMBER 2008
• EVM or other complete audio circuit
Figure 19 shows the block diagrams of basic measurement systems for class-AB and class-D amplifiers. A sine
wave is normally used as the input signal because it consists of the fundamental frequency only (no other
harmonics are present). An analyzer is then connected to the audio power amplifier (APA) output to measure the
voltage output. The analyzer must be capable of measuring the entire audio bandwidth. A regulated dc power
supply is used to reduce the noise and distortion injected into the APA through the power pins. A System Two™
audio measurement system (AP-II) by Audio Precision™ includes the signal generator and analyzer in one
package.
The generator output and amplifier input must be ac-coupled. However, the EVMs already have the ac-coupling
capacitors, (CIN), so no additional coupling is required. The generator output impedance should be low to avoid
attenuating the test signal, and is important because the input resistance of APAs is not high. Conversely, the
analyzer input impedance should be high. The output resistance, ROUT, of the APA is normally in the hundreds of
milliohms and can be ignored for all but the power-related calculations.
Figure 19(a) shows a class-AB amplifier system. It takes an analog signal input and produces an analog signal
output. This amplifier circuit can be directly connected to the AP-II or other analyzer input.
This is not true of the class-D amplifier system shown in Figure 19(b), which requires low-pass filters in most
cases in order to measure the audio output waveforms. This is because it takes an analog input signal and
converts it into a pulse-width modulated (PWM) output signal that is not accurately processed by some
analyzers.
Figure 19. Audio Measurement Systems
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TAS5601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com