Electronic Components Datasheet Search
  English  ▼

X  

LM1084 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM1084
Description  LM1084 5-A Low Dropout Positive Regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1084 Datasheet(HTML) 5 Page - Texas Instruments

  LM1084_15 Datasheet HTML 1Page - Texas Instruments LM1084_15 Datasheet HTML 2Page - Texas Instruments LM1084_15 Datasheet HTML 3Page - Texas Instruments LM1084_15 Datasheet HTML 4Page - Texas Instruments LM1084_15 Datasheet HTML 5Page - Texas Instruments LM1084_15 Datasheet HTML 6Page - Texas Instruments LM1084_15 Datasheet HTML 7Page - Texas Instruments LM1084_15 Datasheet HTML 8Page - Texas Instruments LM1084_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM1084
www.ti.com
SNVS037G – SEPTEMBER 1999 – REVISED JANUARY 2015
6.5 Electrical Characteristics
Typicals and limits apply for TJ = 25°C unless specified otherwise.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VREF
Reference Voltage
LM1084-ADJ, IOUT = 10 mA, VIN − VOUT = 3 V, 10 mA ≤
1.238
1.250
1.262
IOUT ≤ IFULL LOAD,1.5 V ≤ (VIN−VOUT) ≤ 25 V
(3)
V
LM1084-ADJ, IOUT = 10 mA, VIN − VOUT = 3 V, 10 mA ≤
IOUT ≤ IFULL LOAD,1.5 V ≤ (VIN−VOUT) ≤ 25 V
(3), –40°C ≤
1.225
1.250
1.270
TJ ≤ 125°C
VOUT
Output Voltage(3)
LM1084-3.3, IOUT = 0 mA, VIN = 8 V, 0 ≤ IOUT ≤ IFULL
3.270
3.300
3.330
LOAD, 4.8 V ≤ VIN ≤ 15 V
V
LM1084-3.3, IOUT = 0 mA, VIN = 8 V, 0 ≤ IOUT ≤ IFULL
3.235
3.300
3.365
LOAD, 4.8 V ≤ VIN ≤ 15 V , –40°C ≤ TJ ≤ 125°C
LM1084-5.0, IOUT = 0 mA, VIN = 8 V, 0 ≤ IOUT ≤ IFULL
4.950
5.000
5.050
LOAD, 6.5 V ≤ VIN ≤ 20 V
V
LM1084-5.0, IOUT = 0 mA, VIN = 8 V, 0 ≤ IOUT ≤ IFULL
4.900
5.000
5.100
LOAD, 6.5 V ≤ VIN ≤ 20 V, –40°C ≤ TJ ≤ 125°C
ΔVOUT
Line Regulation(4)
LM1084-ADJ, IOUT = 10 mA, 1.5 V ≤ (VIN – VOUT) ≤ 15 V
0.015%
0.2%
LM1084-ADJ, IOUT = 10 mA, 1.5 V ≤ (VIN – VOUT) ≤ 15
0.035%
0.2%
V, –40°C
≤ TJ ≤ 125°C
LM1084-3.3, IOUT = 0 mA, 4.8 V ≤ VIN ≤ 15 V
0.5
6
mV
LM1084-3.3, IOUT = 0 mA, 4.8 V ≤ VIN ≤ 15 V, –40°C ≤
1.0
6
TJ ≤ 125°C
LM1084-5.0, IOUT = 0 mA, 6.5 V ≤ VIN ≤ 20 V
0.5
10
mV
LM1084-5.0, IOUT = 0 mA, 6.5 V ≤ VIN ≤ 20 V, –40°C ≤
1.0
10
TJ ≤ 125°C
ΔVOUT
Load Regulation(4)
LM1084-ADJ, (VIN – V OUT) = 3 V, 10 mA ≤ IOUT ≤ IFULL
0.1 %
0.3%
LOAD
LM1084-ADJ, (VIN – V OUT) = 3 V, 10 mA ≤ IOUT ≤ IFULL
0.2%
0.4%
LOAD, –40°C ≤ TJ ≤ 125°C
LM1084-3.3, VIN = 5 V, 0 ≤ IOUT ≤ IFULL LOAD
3
15
mV
LM1084-3.3, VIN = 5 V, 0 ≤ IOUT ≤ IFULL LOAD, –40°C ≤ TJ
7
20
≤ 125°C
LM1084-5.0, VIN = 8 V, 0 ≤ IOUT ≤ IFULL LOAD
5
20
mV
LM1084-5.0, VIN = 8 V, 0 ≤ IOUT ≤ IFULL LOAD, –40°C ≤ TJ
10
35
≤ 125°C
Dropout Voltage(5)
LM1084-ADJ, 3.3, 5, 12,
ΔVREF, ΔVOUT = 1%, IOUT = 5A,
1.3
1.5
V
–40°C
≤ TJ ≤ 125°C
ILIMIT
Current Limit
LM1084-ADJ, VIN− VOUT = 5 V, –40°C ≤ TJ ≤ 125°C
5.5
8.0
A
LM1084-ADJ, VIN− VOUT = 25 V, –40°C ≤ TJ ≤ 125°C
0.3
0.6
LM1084-3.3, VIN = 8 V, –40°C ≤ TJ ≤ 125°C
5.5
8.0
A
LM1084-5.0, VIN = 10 V, –40°C ≤ TJ ≤ 125°C
5.5
8.0
A
Minimum Load
LM1084-ADJ, VIN − VOUT = 25 V
5
10.0
mA
Current(6)
Quiescent Current
LM1084-3.3, VIN = 18 V
5.0
10.0
mA
LM1084-5.0, VIN ≤ 20 V
5.0
10.0
mA
Thermal Regulation
TA = 25°C, 30 ms Pulse
0.003
0.015
%/W
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
IFULLLOAD is defined in the current limit curves. The IFULLLOAD Curve defines the current limit as a function of input-to-output voltage.
Note that 30W power dissipation for the LM1084 is only achievable over a limited range of input-to-output voltage.
(4)
Load and line regulation are measured at constant junction temperature, and are ensured up to the maximum power dissipation of 30W.
Power dissipation is determined by the input/output differential and the output current. ensured maximum power dissipation will not be
available over the full input/output range.
(5)
Dropout voltage is specified over the full output current range of the device.
(6)
The minimum output current required to maintain regulation.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com