Electronic Components Datasheet Search
  English  ▼

X  

LM1084 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM1084
Description  LM1084 5-A Low Dropout Positive Regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1084 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM1084_15 Datasheet HTML 9Page - Texas Instruments LM1084_15 Datasheet HTML 10Page - Texas Instruments LM1084_15 Datasheet HTML 11Page - Texas Instruments LM1084_15 Datasheet HTML 12Page - Texas Instruments LM1084_15 Datasheet HTML 13Page - Texas Instruments LM1084_15 Datasheet HTML 14Page - Texas Instruments LM1084_15 Datasheet HTML 15Page - Texas Instruments LM1084_15 Datasheet HTML 16Page - Texas Instruments LM1084_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
LM1084
www.ti.com
SNVS037G – SEPTEMBER 1999 – REVISED JANUARY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM1084 is versatile in its applications, including uses in programmable output regulation and local on-card
regulation. Or, by connecting a fixed resistor between the ADJUST and OUTPUT terminals, the LM1084 can
function as a precision current regulator. An optional output capacitor can be added to improve transient
response. The ADJUST terminal can be bypassed to achieve very high ripple-rejection ratios, which are difficult
to achieve with standard three-terminal regulators. Please note, in the following applications, if ADJ is mentioned,
it makes use of the adjustable version of the part, however, if GND is mentioned, it is the fixed voltage version of
the part.
8.2 Typical Applications
8.2.1 1.2-V to 15-V Adjustable Regulator
This part can be used as a simple low drop out regulator to enable a variety of output voltages needed for
demanding applications. By using an adjustable R2 resistor a variety of output voltages can be made possible as
shown in Figure 16 based on the LM1084-ADJ.
Figure 16. 1.2-V to 15-V Adjustable Regulator
8.2.1.1 Design Requirements
The device component count is very minimal, employing two resistors as part of a voltage divider circuit and an
output capacitor for load regulation.
8.2.1.2 Detailed Design Procedure
The voltage divider for this part is set based on the equation shown in Figure 16, where R1 is the upper feedback
resistor and R2 is the lower feedback resistor.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM1084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com