Electronic Components Datasheet Search
  English  ▼

X  

LM1084 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM1084
Description  LM1084 5-A Low Dropout Positive Regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1084 Datasheet(HTML) 3 Page - Texas Instruments

  LM1084_15 Datasheet HTML 1Page - Texas Instruments LM1084_15 Datasheet HTML 2Page - Texas Instruments LM1084_15 Datasheet HTML 3Page - Texas Instruments LM1084_15 Datasheet HTML 4Page - Texas Instruments LM1084_15 Datasheet HTML 5Page - Texas Instruments LM1084_15 Datasheet HTML 6Page - Texas Instruments LM1084_15 Datasheet HTML 7Page - Texas Instruments LM1084_15 Datasheet HTML 8Page - Texas Instruments LM1084_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LM1084
www.ti.com
SNVS037G – SEPTEMBER 1999 – REVISED JANUARY 2015
5 Pin Configuration and Functions
3-Pin
TO-220 Package
Top View
3-Pin
TO-263 Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Adjust pin for the adjustable output voltage version. Ground pin for the fixed output voltage
ADJ/GND
1
-
versions.
OUTPUT
2
O
Output voltage pin for the regulator.
INPUT
3
I
Input voltage pin for the regulator.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com