Electronic Components Datasheet Search
  English  ▼

X  

LM1084 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM1084
Description  LM1084 5-A Low Dropout Positive Regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1084 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM1084_15 Datasheet HTML 17Page - Texas Instruments LM1084_15 Datasheet HTML 18Page - Texas Instruments LM1084_15 Datasheet HTML 19Page - Texas Instruments LM1084_15 Datasheet HTML 20Page - Texas Instruments LM1084_15 Datasheet HTML 21Page - Texas Instruments LM1084_15 Datasheet HTML 22Page - Texas Instruments LM1084_15 Datasheet HTML 23Page - Texas Instruments LM1084_15 Datasheet HTML 24Page - Texas Instruments LM1084_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LM1084
www.ti.com
SNVS037G – SEPTEMBER 1999 – REVISED JANUARY 2015
Thermal Considerations (continued)
IIN = IL + IG
(4)
PD = (VIN−VOUT) IL + VINIG
(5)
Figure 29 shows the voltages and currents which are present in the circuit.
Figure 29. Power Dissipation Diagram
Once the devices power is determined, the maximum allowable (
θJA (max)) is calculated as:
θJA (max) = TR(max)/PD = TJ(max) − TA(max)/PD
(6)
The LM1084 has different temperature specifications for two different sections of the IC: the control section and
the output section. The Thermal Information table shows the junction to case thermal resistances for each of
these sections, while the maximum junction temperatures (TJ(max)) for each section is listed in the Absolute
Maximum Ratings section of the datasheet. TJ(max) is 125°C for the control section, while TJ(max) is 150°C for the
output section.
θJA (max) should be calculated separately for each section as follows:
θJA (max, CONTROL SECTION) = (125°C - TA(max))/PD
(7)
θJA (max, OUTPUT SECTION) = (150°C - TA(max))/PD
(8)
The required heat sink is determined by calculating its required thermal resistance (
θHA (max)).
θHA (max) = θJA (max) − (θJC + θCH)
(9)
(
θHA (max)) should also be calculated twice as follows:
(
θHA (max)) = θJA (max, CONTROL SECTION) - (θJC (CONTROL SECTION) + θCH)
(10)
(
θHA (max)) = θJA(max, OUTPUT SECTION) - (θJC (OUTPUT SECTION) + θCH)
(11)
If thermal compound is used,
θCH can be estimated at 0.2 C/W. If the case is soldered to the heat sink, then a
θCH can be estimated as 0 C/W.
After,
θHA (max) is calculated for each section, choose the lower of the two θHA (max) values to determine the
appropriate heat sink.
If PC board copper is going to be used as a heat sink, then Figure 30 can be used to determine the appropriate
area (size) of copper foil required.
Figure 30. Heat Sink Thermal Resistance vs Area
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM1084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com