Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 41Page - Microchip Technology PIC18F010 Datasheet HTML 42Page - Microchip Technology PIC18F010 Datasheet HTML 43Page - Microchip Technology PIC18F010 Datasheet HTML 44Page - Microchip Technology PIC18F010 Datasheet HTML 45Page - Microchip Technology PIC18F010 Datasheet HTML 46Page - Microchip Technology PIC18F010 Datasheet HTML 47Page - Microchip Technology PIC18F010 Datasheet HTML 48Page - Microchip Technology PIC18F010 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 43
PIC18F010/020
5.0
DATA EEPROM MEMORY
The Data EEPROM is readable and writable during
normal operation (full VDD range). This memory is not
directly mapped in the register file space. Instead, it is
indirectly addressed through the Special Function Reg-
isters. There are four SFRs used to read and write this
memory. These registers are:
• EECON1 (0FA6h)
• EECON2 (0FA7h)
• EEDATA (0FA8h)
• EEADR (0FA9h)
When interfacing the data memory block, EEDATA
holds the 8-bit data for read/write, and EEADR holds
the address of the EEPROM location being accessed.
These devices have 64 bytes of data EEPROM with an
address range from 0h to 03Fh.
The EEPROM data memory allows byte read and write.
A byte write automatically erases the location and
writes the new data (erase before write).
The EEPROM data memory is rated for high erase/
write cycles. The write time is controlled by an on-chip
timer. The write time will vary with voltage and temper-
ature, as well as from chip-to-chip. Please refer to the
specifications for exact limits.
When the device is code protected, the CPU may con-
tinue to read and write the data EEPROM memory.
5.1
EEADR
The EEADR register can address up to a maximum of
256 bytes of data.
When the device contains less memory than the full
address reach of the EEADR register, the MSb’s of the
register must be set to ‘0’. For example, this device has
64 bytes of data EE, the Most Significant 2 bits of the
register must be ‘0’.
5.2
EECON1 and EECON2 Registers
EECON1 is the control register for memory accesses.
EECON2 is not a physical register. Reading EECON2
will read all '0's. The EECON2 register is used
exclusively in the memory write sequence.
Control bit EEPGD determines if the access will be a
program or a data memory access. When clear, any
subsequent operations will operate on the data mem-
ory. When set, any subsequent operations will operate
on the program memory.
Control bits RD and WR initiate read and write opera-
tions, respectively. These bits cannot be cleared, only
set, in software. They are cleared in hardware at the
completion of the read or write operation. The inability
to clear the WR bit in software prevents the accidental
or premature termination of a write operation.
The WREN bit, when set, will allow a write operation.
On power-up, the WREN bit is clear. The WRERR bit is
set when a write operation is interrupted by a MCLR
Reset, or a WDT Time-out Reset, during normal oper-
ation. In these situations, following RESET, the user
can check the WRERR bit and rewrite the location. The
value of the data and address registers and the
EEPGD bit remains unchanged.
Interrupt flag bit EEIF in the PIR2 register, is set when
a write is complete. It must be cleared in software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com