Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 77Page - Microchip Technology PIC18F010 Datasheet HTML 78Page - Microchip Technology PIC18F010 Datasheet HTML 79Page - Microchip Technology PIC18F010 Datasheet HTML 80Page - Microchip Technology PIC18F010 Datasheet HTML 81Page - Microchip Technology PIC18F010 Datasheet HTML 82Page - Microchip Technology PIC18F010 Datasheet HTML 83Page - Microchip Technology PIC18F010 Datasheet HTML 84Page - Microchip Technology PIC18F010 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 79
PIC18F010/020
11.1
Control Register
The Low Voltage Detect Control register controls the
operation of the Low Voltage Detect circuitry.
REGISTER 11-1:
LVDCON REGISTER
U-0
U-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
—
—
BGST
LVDEN
LVV3
LVV2
LVV1
LVV0
bit 7
bit 0
bit 7-6
Unimplemented: Read as '0'
bit 5
BGST: Bandgap Stable Status Flag bit
1
= Indicates that the bandgap voltage is stable and LVD interrupt is reliable
0
= Indicates that the bandgap voltage is not stable and LVD interrupt should not be enabled
bit 4
LVDEN: Low Voltage Detect Power Enable bit
1
= Enables LVD, powers up LVD circuit and bandgap reference generator
0
= Disables LVD, powers down LVD and bandgap circuits
bit 3-0
LVV3:LVV0: Low Voltage Detection Limit bits
1111
= Reserved
1110
= Reserved
1101
= 4.0V
1100
= 3.5V
1011
= 3.0V
1010
= 2.9V
1001
= 2.8V
1000
= 2.7V
0111
= 2.6V
0110
= 2.5V
0101
= 2.4V
0100
= 2.3V
0011
= 2.2V
0010
= 2.1V
0001
= 2.0V
0000
= 1.9V
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR Reset
Note:
This register must be unlocked to modify, see Section 12.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com